Part Number Hot Search : 
2N533902 ON2170 2700290 SP7656EN 23RGB 4N35FVM 23RGB SY10E
Product Description
Full Text Search
 

To Download BYW95BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYW95BG
FAST EFFICIENT GLASS PASSIVATED RECTIFIER
VOLTAGE400V CURRENT 3.0A
FEATURE
Low power loss High surge capability Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
DO-201AD
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
Symbol Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =50C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Forward current 3A Peak Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
BYW95BG 400 280 400 3.0 125 1.3 10.0 200.0 75 80 20.0 -50 to +150
units V V V A A V A nS pF C/W C
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj Rth(ja) Tstg,Tj
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYW95BG
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYW95BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X