Part Number Hot Search : 
FMXG22S MLL983B A27K1V1 STF202 M74HC21 1537M 2SC1684 MAX5020
Product Description
Full Text Search
 

To Download BYV95CGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV95AGP THRU BYV95CGP
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:200 TO 600V CURRENT: 1.5A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C/10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.1A
DO-15\DO-204AC
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL BYV 95AGP BYV 95BGP BYV 95CGP units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage
Vrrm Vrms Vdc
200 140 200
400 280 400
600 420 600
V V V V A A V
reverse avalanche breakdown voltage at IR = 0.1 mA
Maximum Average Forward Rectified Current 3/8"lead length at Ta =65C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C IF=3A non-repetitive peak reverse avalanche energy (Note 1) Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =150C Maximum Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 3) Typical Thermal Resistance (Note 4) Storage and Operating Junction Temperature
V(BR)R
(min)
If(av) Ifsm Vf
300
500
1.5 35.0 1.60
700
Ersm
Ir Trr Cj R(ja) Tstg, Tj
10
5.0 150 250 45.0 46.0 -65 to +175
mJ
A A
nS pF
C /W C
Note: 1. L = 120 mH; Tj = Tj max prior to surge; inductive load switched off 2.Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 3.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 4.Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.A2 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYV95AGP THRU BYV95CGP
1
Rev.A2
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYV95CGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X