Part Number Hot Search : 
HN3C11F P6KE6 BA130 ANTX1 7829H MK53732A TC4211 TC4572BP
Product Description
Full Text Search
 

To Download BYV36G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV36G
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
VOLTAGE: 1400V CURRENT: 1.5A
FEATURE
Glass passivated High maximum operating temperature Low leakage current Excellent stability Guaranteed avalanche energy absorption capability
SOD-57
MECHANICAL DATA
Case: SOD-57 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Reverse Breakdown Voltage at IR =0. 1mA Maximum Average Forward Rectified Current at Ttp=60C, lead length=10mm Peak Forward Surge Current at t=10ms half sinewave Maximum Forward Voltage at rated Forward Current and 25C IF = 1.0A Maximum DC Reverse Current at rated DC blocking voltage Maximum Reverse Recovery Time Non Repetitive Reverse Avalanche Energy at L=120mH Typical Diode Capacitance at f=1MHz,VR=0V Typical Thermal Resistance Storage and Operating Junction Temperature Note: 1. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Device mounted on an epoxy-glass printed-circuit boars, 1.5mm thick; thichness of Cu-layer40m (Note 2) Tj = 25C Tj = 150C (Note 1) VRRM VRMS VDC V(BR)R IF(AV) IFSM VF IR Trr ER Cd Rth(ja) Tstg, Tj BYV36G 1400 980 1400 1500min 1.5 30 1.45 5.0 150 250 10 35 100 -65 to +175 units V V V V A A V A A nS mJ pF K/W
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYV36G
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYV36G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X