Part Number Hot Search : 
SR2040 SR1060 CHS0603 BCM33 154742 CQ39DS SS8PH9 1N498
Product Description
Full Text Search
 

To Download BYV28-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV28-6
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER
VOLTAGE600V CURRENT: 3.1A
FEATURE
Glass passivated High maximum operating temperature Low leakage current Excellent stability Guaranteed avalanche energy absorption capability
SOD-64
MECHANICAL DATA
Case: SOD-64 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at I =10mm Peak Forward Surge Current at tp=10ms,half sinewave Maximum Forward Voltage at Forward Current IF=3.5A and 25 Non-repetitive peak reverse avalanche energy (Note 1) Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =150C Maximum Reverse Recovery Time Typical Thermal Resistance (Note 2) (Note 3) VRRM VRMS VDC IFAV IFSM VF ERSM IR Trr Rth(ja) Tstg, Tj
BYV28-6 600 420 600 3.1 90 1.25 20 5.0 150.0 50 75 -65 to +175
units V V V A A V mJ A nS K/W C
Storage and Operating Junction Temperature
Note:
1. L=120Mh,Tj-Tjmax prior to surge; inductive load switched off 2. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 3. Device mounted on an epoxy-glass printed-circuit board, 1.5mm thick; thickness of Cu-layer40m
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYV28-6
Rev. A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYV28-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X