Part Number Hot Search : 
LA4205 1645P 04597 LM321 NE5512D HTCM366 SYIR48 SB160
Product Description
Full Text Search
 

To Download BYV28-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV28-1GE THRU BYV28-6GE
GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT SILICON RECTIFIER
VOLTAGE:600V CURRENT:3.5A
FEATURE
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes * Ultra fast recovery time for high efficiency * Excellent high temperature switching * Glass passivated junction * High temperature soldering guaranteed: 250 C/10 seconds, 0.375" (9.5mm) lead length,
DO-201AD -
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.045 oz., 1.2 g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Ta=25C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C IF=3.5A Maximum Reverse Recovery Time (Note 1) Typical thermal resistance junction to ambient (Note 2) Maximum DC Reverse Current TJ =25C at rated DC blocking voltage TJ =150C Storage and Operating Temperature Range Vrrm Vrms Vdc If(av) Ifsm Vf Trr Rja Ir Tstg, Tj 1.02 25 72 5 150 -55 to +150 BYV28-1GE 100 70 100 BYV28-2GE 200 140 200 3.5 90 1.05 50 1.25 BYV28-4GE 400 280 400 BYV28-6GE 600 420 600 units V V V A A V nS C/W A A
C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2.Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer 40 m, see Fig.6 For more information please refer to the "General Part of associated Handbook". Rev.A1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYV28-1GE THRU BYV28-6GE
1
1
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYV28-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X