Part Number Hot Search : 
S3P72H8 CPDK24V MH16S HZS7A1 24006 74LS02 20060 HD61602R
Product Description
Full Text Search
 

To Download BYV26D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV26D
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
VOLTAGE800V CURRENT: 1.0A
FEATURE
Glass passivated High maximum operating temperature Low leakage current Excellent stability Guaranteed avalanche energy absorption capability
SOD-57
MECHANICAL DATA
Case: SOD-57 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage
BYV26D 800 560 800 900min 1.0 30 2.5 10 5.0 150.0 75 40 100 -65 to +175
units V V V V A A V mJ
VRRM VRMS VDC V(BR)R IFAV IFSM VF ERSM IR Trr Cd Rth(ja) Tstg, Tj
Reverse avalanche breakdown voltage at IR = 0.1 mA
Maximum Average Forward Rectified Current 3/8"lead length at Ttp =85C Non-repetitive Peak Forward Current at t=10ms half sine wave Maximum Forward Voltage at rated Forward Current Non-repetitive peak reverse avalanche energy (Note 1) Maximum DC Reverse Current at rated DC blocking voltage Maximum Reverse Recovery Time Diode Capacitance Typical Thermal Resistance Storage and Operating Junction Temperature Ta =25C Ta =165C (Note 2) (Note 3) (Note 4)
A A
nS pF
C /W C
Note: 1. IR=400mA; Tj=Tjmax prior to surge; inductive load switched off 2. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 3. Measured at 1.0 MHz and applied reverse voltage of 0Vdc 4. Device mounted on an epoxy-glass printed-circuit board, 1.5mm thick
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYV26D
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYV26D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X