Part Number Hot Search : 
16107FP A5201 2SD13 UM805 ETFV25 TD62004P PD50F2 BZX84
Product Description
Full Text Search
 

To Download BYV26A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV26A
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
VOLTAGE200V CURRENT: 1.0A
FEATURE
Glass passivated High maximum operating temperature Low leakage current Excellent stability Guaranteed avalanche energy absorption capability
SOD-57
MECHANICAL DATA
Case: SOD-57 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage
BYV26A 200 140 200 300min 1.0 30 2.5 10 5.0 150.0 30 45 100 -65 to +175
units V V V V A A V mJ
VRRM VRMS VDC V(BR)R IFAV IFSM VF ERSM IR Trr Cd Rth(ja) Tstg, Tj
Reverse avalanche breakdown voltage at IR = 0.1 mA
Maximum Average Forward Rectified Current 3/8"lead length at Ttp =85C Non-repetitive Peak Forward Current at t=10ms half sine wave Maximum Forward Voltage at rated Forward Current Non-repetitive peak reverse avalanche energy (Note 1) Maximum DC Reverse Current at rated DC blocking voltage Maximum Reverse Recovery Time Diode Capacitance Typical Thermal Resistance Storage and Operating Junction Temperature Ta =25C Ta =165C (Note 2) (Note 3) (Note 4)
A A
nS pF
C /W C
Note: 1. R=400mA; Tj=Tjmax prior to surge; inductive load switched off 2. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 3. Measured at 1.0 MHz and applied reverse voltage of 0Vdc 4. Device mounted on an epoxy-glass printed-circuit board, 1.5mm thick; thickness of Cu-layer40m
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYV26A
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYV26A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X