Part Number Hot Search : 
DFLR1400 VF040 02201 74AUP2 SMAJ16CA PS9010GD SK70WT12 ESD3V
Product Description
Full Text Search
 

To Download BYT53A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYT53A THRU BYT53G
ULTRAFAST AVALANCHE SINTERGLASS DIODE
VOLTAGE: 50 TO 400V CURRENT: 1.9A
FEATURE
Glass passivated junction Hermetically sealed package Low reverse current Soft recovery characteristics
SOD-57
MECHANICAL DATA
Case: SOD-57 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at I=10mm, TL=25 Peak Forward Surge Current at Tp=10ms half sinewave Maximum Forward Voltage at rated Forward Current and 25C If=1A Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =150C Maximum Reverse Recovery Time Non Repetitive Reverse Avalanche Energy IBR(R)=1A Typical Thermal Resistance Storage and Operating Junction Temperature Note: 1. Reverse Recovery Condition IF=0.5A, IR=1.0A, IRR=0.25A 2. on P.C. board with spacing 20mm (Note 2) (Note 1) VRRM VRMS VDC IFAV IFSM VF IR Trr ER RthJA Tstg, Tj BYT53 A 50 35 50 BYT53 B 100 70 100 BYT53 C 150 105 150 1.9 50.0 1.10 5.0 200 50 20 100 -55 to +175 BYT53 D 200 140 200 BYT53 F 300 210 300 BYT53 G 400 280 400 units V V V A A V A A nS mJ K/W
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYT53A THRU BYT53G
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYT53A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X