Part Number Hot Search : 
PSMD150E APT60D MAX1463 TLYH1032 6850P 4081BCN YD6651 TIP34D
Product Description
Full Text Search
 

To Download BYM26EGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYM26AGP THRU BYM26EGP
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE200V to 1000V CURRENT: 2.3A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C /10sec/0.375"lead length at 5 lbs tension Low leakage current Typical Ir<0.1A Excellent stability Guaranteed avalanche energy absorption capability
DO-201AD
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage
Vrrm Vrms Vdc
BYM26 AGP 200 140 200 300
BYM26 BGP 400 280 400 500
BYM26 CGP 600 420 600 700 2.3 45 2.65 10 10.0 150.0
BYM26 DGP 800 560 800 900
BYM26 EGP 1000 700 1000
units V V V V A A V mJ
Reverse avalanche breakdown voltage at IR = 0.1 mA
Maximum Average Forward Rectified Current 10mm lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C non-repetitive peak reverse avalanche energy (Note 1) Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time (Note 2) Typical Junction Capacitance Typical Thermal Resistance (Note 3) (Note 4)
V(BR)R (min)
If(av) Ifsm Vf Ersm Ir Trr Cj Rja Tstg, Tj
1100
A A
75 nS pF
30 75.0 20.0 -65 to +175
Storage and Operating Junction Temperature
C /W C
Note: 1. L = 120 mH; Tj = Tj max prior to surge; inductive load switched off 2.Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 3.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 4.Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYM26AGP THRU BYM26EGP
1
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYM26EGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X