Part Number Hot Search : 
08226 08226 1N414 HCF4046 NCP1417 UMF6N AT138 PC339
Product Description
Full Text Search
 

To Download BY203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY203-20S
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE: 2000V CURRENT: 0.25A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C/10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.5A
DO-15\DO-204AC
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Rectified Current and 25C Maximum full load reverse current full cycle Average at 55C Ambient Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance (Note 1) (Note 2) (Note 3) Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj Rth(ja) Tstg, Tj BY203-20S 2000 1400 2000 0.25 10.0 6.0 100 10.0 300.0 75 5.0 65.0 -65 to +175 units V V V A A V A A nS pF C /W C
Storage and Operating Junction Temperature
Note: 1. 2. 3. 4.
Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. B Board Mounted
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BY203-20S
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BY203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X