Part Number Hot Search : 
CB214 CFA1012 2N5442 CPC5604 XPC15GFH 2SC3459 CT240 NMA0512S
Product Description
Full Text Search
 

To Download BA157G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BA157G THRU BA159G
GLASS PASSIVATED FAST RECOVERY RECTIFIER
VOLTAGE: 400 TO 1000V CURRENT: 1.0A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current Fast switching capability High temperature soldering guaranteed 250C /10sec/0.375" lead length at 5 lbs tension Glass Passivated chip
DO - 41\DO- 204AL
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length at Ta =55 C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at Rated forward current Maximum DC Reverse Current Ta =25 C At rated DC blocking voltage Ta =125 C Typical Junction Capacitance Typical Thermal Resistance (Note 1) (Note 2) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Cj Rth(ja) Trr Tstg, Tj 150 -55 to +150 BA157G 400 280 400 BA158G 600 420 600 1.0 30.0 1.25 5.0 100.0 15.0 55 250 BA159G 1000 700 1000 units V V V A A V A pF C/W nS C
Maximum Reverse Recovery Time (Note 3) Storage and Operating Junction Temperature
Note:
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted Test Condition If =0.5A, Ir =1.0A, Irr =0.25A
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BA157G THRU BA159G
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BA157G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X