Part Number Hot Search : 
B040010 F9222 P2301 2300S SB772 FEP16DT P2301 55C24
Product Description
Full Text Search
 

To Download B8S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B1S THRU B10S
Elektronische Bauelemente VOLTAGE 100V ~ 1000V 0.8AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
MDS
+
2.75(7.0) MAX. .157(4.0) .141(3.6)
FEATURES
~
~
. Rating to 1000 PRV . Ideal for printed circuit board . Reliable low cost construction utilizing
molded plastic technique results in inexpensive product
.043(1.1) .027(0.7) .043(1.1) .008(0.2) .027(0.7) MAX.
.031(0.8) .023(0.6) .193(4.9) .177(4.5) .118(3.0) MAX. .106(2.7) .090(2.3)
. Lead tin plated copper
.106(2.7) .090(2.3)
Dimensions in inches and (millimeters)
MECHANICAL DATA
. Polarity: Symbol molded on body . Mounting position: Any . Weight: 0.125 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%. TYPE NUMBER SYMBOL Maximum Recurrent Peak Reverse Voltage VRRM Maximum RMS Voltage VRMS Maximum DC Blocking Voltage VDC Maximum Average Forward Rectified IF(AV) Output Current (Note1) @ Ta=40 Peak Forward Surge Current, IFSM 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage @0.4A DC VF Maximum DC Reverse Current IR at Rated DC Blocking Voltage per Element Typical Junction Capacitance CJ Per Element (Note2) Typical Thermal Resistance (Note3) R JA Operating Temperature Range TJ Storage Temperature Range TSTG Notes: 1. Mounted on P.C. Board. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Thermal Resistance Junction to Ambient. B1S 100 70 100 B2S 200 140 200 B4S 400 280 400 0.8 30 1.0 5 500 15 75 -55 ~ +150 -55 ~ +150 B6S 600 420 600 B8S 800 560 800 B10S 1000 700 1000 UNITS V V V A A V (@TJ=25 ) (@ TJ=125 ) A pF /W
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 1 of 2
B1S THRU B10S
Elektronische Bauelemente VOLTAGE 100V ~ 1000V 0.8AMP Glass Passivated Bridge Rectifiers
RATING AND CHARACTERISTIC CURVES (B1S THRU B10S)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
AVERAGE FORWARD CURRENT,(A)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
0
25
50
75
100 125
150
175
AMBIENT TEMPERATURE ( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
F IG .3-T Y P IC AL F OR WAR D C HAR AC T E R IS T IC S 50
INS TANTANE OUS F OR WAR D C UR R E NT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
REVERSE LEAKAGE CURRENT, ( A)
10
10 3.0 1.0
T j=25 C
0.1
P uls e Width 300us 1% Duty C ycle
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
20
40
60
80
100 120 140
F OR WAR D V OLTAG E ,(V )
PERCENTAGE OF PEAK REVERSE VOLT AGE, (%)
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 2 of 2


▲Up To Search▲   

 
Price & Availability of B8S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X