Part Number Hot Search : 
F08A60PT LA4280 S3D1723 HFM205W AD976CN 18R254 2ATTP 21000
Product Description
Full Text Search
 

To Download B72590D0050A060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CeraDiodes
Standard series
Series/Type: Date: August 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
CeraDiodes Standard series
Features ESD protection to IEC 61000-4-2, level 4 Bidirectional ESD protection in one component No change in ESD protection performance at temperatures up to 85 C (temperature derating) Use of parasitic capacitance for EMI suppression and high-frequency filtering (replacement of additional MLCC) High surge current capability Low parasitic inductance Low leakage current Fast response time <0.5 ns Lead-free nickel barrier terminations suitable for lead-free soldering RoHS-compatible Applications Interfaces, data lines, power lines and audio lines, pushbuttons, serial ports, ICs and I/O ports Consumer electronic products (TV, DVD player/recorder, set-top box, game consoles, MP3 player, digital still/video camera, etc.) EDP products (desktop and notebook computer, monitor, PDA, printer, memory card, control unit, head set, speaker, HDD, optical drive, etc.) Industrial applications Design Multilayer technology Nickel barrier termination (Ag/Ni/Sn) for lead-free soldering Marking Due to the symmetrical configuration no marking information is needed. General technical data Maximum DC operating voltage Typical capacitance Air discharge ESD capability Contact discharge ESD capability Leakage current1) Operating temperature Storage temperature VDC,max Ctyp VESD,air VESD,contact Ileak Top Tstg
Single chip
4-fold array
to IEC 61000-4-2 to IEC 61000-4-2 (Vleak = 5.6 V) (without derating)
5.6 ... 22 22 ... 470 15 8 1 40/+85 40/+125
V pF kV kV A C C
1) Except CDS2C05GTA and CDS3C05GTA Vleak = 3.3 V. Any operating voltage lower than Vleak results in lower leakage current.
Please read Cautions and warnings and Important notes at the end of this document.
Page 2 of 22
CeraDiodes Standard series
Electrical specifications and ordering codes Maximum ratings (Top,max = 85 C) and characteristics (TA = 25 C) Type Ordering code VDC,max VBR,min Vclamp,max IPP PPP Ctyp (1 mA) (1 A) (8/20 s) (8/20 s) (1 MHz, 1 V) V V V A W pF 10 30 10 10 30 30 30 30 20 600 2200 320 670 1000 1600 2000 2200 1000 33 56 22 1801) 47 4701) 2201) 1601) 56 82
Array, 4-fold, 0508, no semiconductor diode equivalent CDA4C20GTA B72714D0200A060 22 24 60 Array, 4-fold, 0612, no semiconductor diode equivalent CDA5C20GTA B72724D0200A062 22 25 50 Single, 0201, no semiconductor diode equivalent CDS1C05GTA B72440D0050A060 5.6 12 35 Single, 0402, SOD-723 CDS2C05GTA B72590D0050A060 5.6 6.4 24 CDS2C15GTA B72590D0150A060 15 20 46 Single, 0603, SOD-523 CDS3C05GTA B72500D0050A060 5.6 6.4 19 CDS3C09GTA B72500D0090A060 9 10 30 CDS3C15GTA B72500D0150A060 15 22 42 CDS3C20GTA B72500D0200A060 22 25 50 Single, 1003, SOD-323 CDS4C12GTA B72570D0120A060 12 16 46 Typical characteristics
1) Ctyp measured at V = 1 V, f = 1 kHz.
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 22
CeraDiodes Standard series
Dimensional drawings Single device Dimensions in mm Case (inch) 0201 size (mm) 0603 Min. l 0.57 w 0.27 h 0.27 k 0.1 Array device Dimensions in mm Case size l w h d e k (inch) (mm) 0508 1220 Min. 1.8 1.05 0.2 0.4 0612 1632 Min. 3.0 1.45 0.25 0.61 0402 1005 Min. 0.85 0.4 0.4 0.1 0603 1608 Max. Min. 1.15 1.45 0.6 0.7 0.6 0.7 0.3 0.1 1003 2508 Max. Min. 1.75 2.34 0.9 0.7 0.9 0.7 0.4 0.13
Max. 0.63 0.33 0.33 0.2
Max. 2.74 0.9 0.9 0.75
Max. 2.2 1.45 0.9 0.4 0.6 0.35
Max. 3.4 1.75 0.9 0.55 0.91 0.35
Please read Cautions and warnings and Important notes at the end of this document.
Page 4 of 22
CeraDiodes Standard series
Recommended solder pads Single device Dimensions in mm Case size A B C (inch) (mm) 0201 0603 0.3 0.25 0.3 0402 1005 0.6 0.6 0.5 0603 1608 1.0 1.0 1.0 1003 2508 0.8 0.8 1.45
Array device Dimensions in mm Case size A B C E (inch) (mm) 0508 1220 0.35 0.9 0.4 0.5 0612 1632 0.5 0.7 1.2 0.76
Please read Cautions and warnings and Important notes at the end of this document.
Page 5 of 22
CeraDiodes Standard series
Pin configurations Single device Pin P1 P2 Description GND I/O line
Array device Pin P1 P2 P3 P4 P5 P6 P7 P8 Description GND GND GND GND I/O line 1 I/O line 2 I/O line 3 I/O line 4
Please read Cautions and warnings and Important notes at the end of this document.
Page 6 of 22
CeraDiodes Standard series
Termination Single device
Array device
Please read Cautions and warnings and Important notes at the end of this document.
Page 7 of 22
CeraDiodes Standard series
Delivery mode EIA case size Taping 0201 0402 0402 0508 0603 0603 0603 0603 0612 1003 Cardboard Cardboard Cardboard Cardboard Cardboard Cardboard Cardboard Cardboard Blister Cardboard Reel size mm 180 180 180 180 180 180 180 180 180 180 Packing unit pcs. 15000 10000 10000 4000 4000 4000 4000 4000 3000 4000 Type CDS1C05GTA CDS2C05GTA CDS2C15GTA CDA4C20GTA CDS3C05GTA CDS3C09GTA CDS3C15GTA CDS3C20GTA CDA5C20GTA CDS4C12GTA Ordering code B72440D0050A060 B72590D0050A060 B72590D0150A060 B72714D0200A060 B72500D0050A060 B72500D0090A060 B72500D0150A060 B72500D0200A060 B72724D0200A062 B72570D0120A060
Please read Cautions and warnings and Important notes at the end of this document.
Page 8 of 22
CeraDiodes Standard series
1 1.1
Taping and packing for chip and array CeraDiodes Cardboard tape (taping to IEC 60286-3)
Dimensions in mm Case size (inch) (mm) Compartment width Compartment length Sprocket hole diameter Sprocket hole pitch Distance center hole to center compartment Pitch of component compartments Tape width Distance edge to center of hole Distance center hole to center compartment Distance compartment to edge Thickness tape Overall thickness
1)
0201 0603 A0 B0 D0 P0 P2 P1 W E F G T T2
0402 1005
0603 1608 0.95 1.8 1.5 4.0 2.0 4.0 8.0 1.75 3.5 0.75 0.9 1.1
1003 2508 1.0 2.85 1.5 4.0 2.0 4.0 8.0 1.75 3.5 0.75 1.0 1.1
0508 1220 1.6 2.4 1.5 4.0 2.0 4.0 8.0 1.75 3.5 0.75 0.95 1.12
Tolerance 0.2 0.2 +0.1/ 0.11) 0.05 0.1 0.3 0.1 0.05 min. max. max. 0
0.38 0.05 0.6 0.68 0.05 1.15 1.5 0.1 4.0 0.11) 2.0 0.05 2.0 0.05 8.0 0.3 1.75 0.1 3.5 0.05 1.35 min. 0.4 min. 1.5 4.0 2.0 2.0 8.0 1.75 3.5 0.75 0.7
0.35 0.02 0.6
0.2 mm over 10 sprocket holes
Please read Cautions and warnings and Important notes at the end of this document.
Page 9 of 22
CeraDiodes Standard series
1.2
Blister tape (taping to IEC 60286-3)
Dimensions in mm Case size (inch) (mm) Compartment width Compartment length Compartment height Sprocket hole diameter Compartment hole diameter Sprocket hole pitch Distance center hole to center compartment Pitch of component compartments Tape width Distance edge to center of hole Distance center hole to center compartment Distance compartment to edge Thickness tape Overall thickness
1)
0506 1216 A0 B0 K0 D0 D1 P0 P2 P1 W E F G T T2 1.5 1.8 0.8 1.5 1.0 4.0 2.0 4.0 8.0 1.75 3.5 0.75 0.3 1.3
0612 1632 1.9 3.5 1.8 1.5 1.0 4.0 2.0 4.0 8.0 1.75 3.5 0.75 0.3 2.5
1012 2532 2.8 3.5 1.8 1.5 1.0 4.0 2.0 4.0 8.0 1.75 3.5 0.75 0.3 2.5
Tolerance 0.2 0.2 max. +0.1/ min. 0.11) 0.05 0.1 0.3 0.1 0.05 min. max. max. 0
0.2 mm over 10 sprocket holes
Please read Cautions and warnings and Important notes at the end of this document.
Page 10 of 22
CeraDiodes Standard series
1.3
Reel packing
Dimensions in mm Dimensions Reel diameter Reel width (inside) Reel width (outside) Package: 8-mm tape Reel material: Plastic 1.4 Packing units A W1 W2 180 8.4 14.4 Tolerance +0/ -3 +1.5/ -0 max. Dimensions 330 8.4 14.4 Tolerance 2 +1.5/ -0 max.
Case size 180-mm reel 330-mm reel Tape (inch) / (mm) pieces pieces 0201 / 0603 0402 / 1005 0603 / 1608 1003 / 2508 0506 / 1216 0508 / 1220 0612 / 1632 1012 / 2532 15000 10000 4000 4000 3000 4000 3000 2000 50000 16000 16000 12000 16000 12000 8000 cardboard cardboard cardboard cardboard blister cardboard blister blister
Please read Cautions and warnings and Important notes at the end of this document.
Page 11 of 22
CeraDiodes Standard series
Soldering directions 1 Reflow soldering temperature profile
Recommended temperature characteristic for reflow soldering following JEDEC J-STD-020D
Profile feature Preheat and soak - Temperature min - Temperature max - Time Average ramp-up rate Liquidous temperature Time at liquidous Peak package body temperature Time (tP)3) within 5 C of specified classification temperature (Tc) Average ramp-down rate Time 25 C to peak temperature
Sn-Pb eutectic assembly Tsmin Tsmax tsmin to tsmax Tsmax to Tp TL tL Tp1) 100 C 150 C 60 ... 120 s 3 C/ s max. 183 C 60 ... 150 s 220 C ... 235 C2) 20 s3) Tp to Tsmax 6 C/ s max. maximum 6 min
Pb-free assembly 150 C 200 C 60 ... 180 s 3 C/ s max. 217 C 60 ... 150 s 245 C ... 260 C2) 30 s3) 6 C/ s max. maximum 8 min
1) Tolerance for peak profile temperature (TP) is defined as a supplier minimum and a user maximum. 2) Depending on package thickness. For details please refer to JEDEC J-STD-020D. 3) Tolerance for time at peak profile temperature (tP) is defined as a supplier minimum and a user maximum.
Note: All temperatures refer to topside of the package, measured on the package body surface. Number of reflow cycles: 3
Please read Cautions and warnings and Important notes at the end of this document.
Page 12 of 22
CeraDiodes Standard series
2
Soldering guidelines
The use of mild, non-activated fluxes for soldering is recommended, as well as proper cleaning of the PCB. The components are suitable for reflow soldering to JEDEC J-STD-020D.
3 3.1
Solder joint profiles / solder quantity Cement quantity
The component is fixed onto the circuit board with cement prior to soldering. It must still be able to move slightly. When the board is placed into the reflow oven, excessively rigid fixing can lead to high forces acting on the component and thus to a break. In addition, too much cement can lead to unsymmetrical stressing and thus to mechanical fracture of the component. The cement must also be so soft during mounting that no mechanical stressing occurs. 3.2 Mounting the components on the board
It is best to mount the components on the board before soldering so that one termination does not enter the oven first and the second termination is soldered subsequently. The ideal case is simultaneous wetting of both terminations. 3.3 Solder joint profiles
If the meniscus height is too low, that means the solder quantity is too low, the solder joint may break, i.e. the component becomes detached from the joint. This problem is sometimes interpreted as leaching of the external terminations. If the solder meniscus is too high, i.e. the solder quantity is too large, the vise effect may occur. As the solder cools down, the solder contracts in the direction of the component. If there is too much solder on the component, it has no leeway to evade the stress and may break, as in a vise.
Please read Cautions and warnings and Important notes at the end of this document.
Page 13 of 22
CeraDiodes Standard series
3.3.1
Solder joint profiles for nickel barrier termination
Good and poor solder joints caused by amount of solder in infrared reflow soldering
Please read Cautions and warnings and Important notes at the end of this document.
Page 14 of 22
CeraDiodes Standard series
4 Test
Solderability tests Standard Test conditions / Sn-Pb soldering Test conditions / Pb-free soldering Immersion in Sn96.5Ag3.0Cu0.5 solder using non- or low activated flux at 245 5 C for 3 0.3 s Immersion in Sn96.5Ag3.0Cu0.5 solder using non- or low activated flux without preheating at 255 5 C for 10 1 s Immersion in Sn96.5Ag3.0Cu0.5 for 10 s at 260 C Criteria / test results Covering of 95% of end termination, checked by visual inspection
Wettability
IEC Immersion in 60068-2-58 60/40 SnPb solder using non-activated flux at 215 3 C for 3 0.3 s IEC Immersion in 60068-2-58 60/40 SnPb solder using mildly activated flux without preheating at 255 5 C for 10 1 s IEC Immersion in 60068-2-58 60/40 SnPb for 10 s at 260 C
Leaching resistance
No leaching of contacts
Tests of resistance to soldering heat for SMDs Note:
Capacitance change: 15% C 15%
Leaching of the termination Effective area at the termination might be lost if the soldering temperature and/or immersion time are not kept within the recommended conditions. Leaching of the outer electrode should not exceed 25% of the chip end area (full length of the edge A-B-C-D) and 25% of the length A-B, shown below as mounted on the substrate. As single chip As mounted on substrate
Please read Cautions and warnings and Important notes at the end of this document.
Page 15 of 22
CeraDiodes Standard series
5 5.1
Notes for proper soldering Preheating and cooling
The average ramp-up rate must not exceed 3 C/s. The cooling rate must not exceed 8 C/s. 5.2 Repair / rework
Manual soldering with a soldering iron must be avoided, hot-air methods are recommended for making repairs. 5.3 Cleaning
All environmentally compatible agents are suitable for cleaning. Select the appropriate cleaning solution according to the type of flux used. The temperature difference between the components and cleaning liquid must not be greater than 100 C. Ultrasonic cleaning should be carried out with the utmost caution. Too high ultrasonic power can impair the adhesive strength of the metallized surfaces. Insufficient or excessive cleaning can be detrimental to CeraDiode performance. 5.4 Solder paste printing (reflow soldering)
An excessive application of solder paste results in too high a solder fillet, thus making the chip more susceptible to mechanical and thermal stress. This will lead to the formation of cracks. Too little solder paste reduces the adhesive strength on the outer electrodes and thus weakens the bonding to the PCB. The solder should be applied smoothly to the end surface to a height of min. 0.2 mm. 5.5 Selection of flux
Used flux should have less than or equal to 0.1 wt % of halogenated content, since flux residue after soldering could lead to corrosion of the termination and/or increased leakage current on the surface of the CeraDiode. Strong acidic flux must not be used. The amount of flux applied should be carefully controlled, since an excess may generate flux gas, which in turn is detrimental to solderability. 5.6 Storage
Solderability is guaranteed for one year from date of delivery, provided that components are stored in their original packages. Storage temperature: 25 C to +45 C Relative humidity: 75% annual average, 95% on 30 days a year The solderability of the external electrodes may deteriorate if SMDs are stored where they are exposed to high humidity, dust or harmful gas (hydrogen chloride, sulfurous acid gas or hydrogen sulfide). Do not store SMDs where they are exposed to heat or direct sunlight. Otherwise the packing material may be deformed or SMDs may stick together, causing problems during mounting. After opening the factory seals, such as polyvinyl-sealed packages, it is recommended to use the SMDs as soon as possible.
Please read Cautions and warnings and Important notes at the end of this document. Page 16 of 22
CeraDiodes Standard series
5.7
Placement of components on circuit board
It is of advantage to place the components on the board before soldering so that their two terminals do not enter the solder oven at different times. Ideally, both terminals should be wetted simultaneously. 5.8 Soldering caution
Sudden heating or cooling of the component results in thermal destruction by cracks. An excessively long soldering time or high soldering temperature results in leaching of the outer electrodes, causing poor adhesion due to loss of contact between electrodes and termination. Avoid manual soldering with a soldering iron. Wave soldering must not be applied for CeraDiodes designated for reflow soldering only. Keep to the recommended down-cooling rate. 5.9 Standards
CECC 00802 IEC 60068-2-58 IEC 60068-2-20 JEDEC J-STD-020D
Please read Cautions and warnings and Important notes at the end of this document.
Page 17 of 22
CeraDiodes Standard series
Symbols and terms CeraDiode Cmax Ctyp IBR Ileak IPP IPP PPP Top Tstg VBR VBR,min Vclamp Vclamp,max VDC VDC,max VESD,air VESD,contact Vleak - *) - *) VBR Vcl, VC VRM, VRWM, VWM, VDC IR, IT IRM IPP IP, IPP PPP Semiconductor diode Maximum capacitance Typical capacitance (Reverse) current @ breakdown voltage (Reverse) leakage current Current @ clamping voltage Peak pulse current Peak pulse power Operating temperature Storage temperature (Reverse) breakdown voltage Minimum breakdown voltage Clamping voltage Maximum clamping voltage (Reverse) stand-off voltage, working voltage, operating voltage Maximum DC operating voltage Air discharge ESD capability Contact discharge ESD capability (Reverse) voltage @ leakage current Current @ forward voltage (Reverse) current @ maximum reverse stand-off voltage, working voltage, operating voltage Forward voltage
VRM, VRWM, VWM, VDC IF IRM, IRM,max@VRM
- *)
VF
*) Not applicable due to bidirectional characteristics of CeraDiodes
Please read Cautions and warnings and Important notes at the end of this document.
Page 18 of 22
CeraDiodes Standard series
Cautions and warnings General Some parts of this publication contain statements about the suitability of our CeraDiodes for certain areas of application, including recommendations about incorporation/design-in of these products into customer applications. The statements are based on our knowledge of typical requirements often made of our CeraDiodes in the particular areas. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our CeraDiodes for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always incumbent on the customer to check and decide whether the CeraDiodes with the properties described in the product specification are suitable for use in a particular customer application. Do not use EPCOS CeraDiodes for purposes not identified in our specifications, application notes and data books. Ensure the suitability of a CeraDiode in particular by testing it for reliability during design-in. Always evaluate a CeraDiode under worst-case conditions. Pay special attention to the reliability of CeraDiodes intended for use in safety-critical applications (e.g. medical equipment, automotive, spacecraft, nuclear power plant). Design notes Always connect a CeraDiode in parallel with the electronic circuit to be protected. Consider maximum rated power dissipation if a CeraDiode has insufficient time to cool down between a number of pulses occurring within a specified isolated time period. Ensure that electrical characteristics do not degrade. Consider derating at higher operating temperatures. Choose the highest voltage class compatible with derating at higher temperatures. Surge currents beyond specified values will puncture a CeraDiode. In extreme cases a CeraDiode will burst. If steep surge current edges are to be expected, make sure your design is as low-inductance as possible. In some cases the malfunctioning of passive electronic components or failure before the end of their service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. Do not use CeraDiodes in applications requiring a very high level of operational safety and especially when the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention, life-saving systems, or automotive battery line applications such as clamp 30), ensure by suitable design of the application or other measures (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of such a malfunction or failure. Specified values only apply to CeraDiodes that have not been subject to prior electrical, mechanical or thermal damage. The use of CeraDiodes in line-to-ground applications is therefore not advisable, and it is only allowed together with safety countermeasures like thermal fuses.
Please read Cautions and warnings and Important notes at the end of this document.
Page 19 of 22
CeraDiodes Standard series
Storage Only store CeraDiodes in their original packaging. Do not open the package before storage. Storage conditions in original packaging: temperature -25 to +45C, relative humidity 75% annual average, maximum 95%, dew precipitation is inadmissible. Do not store CeraDiodes where they are exposed to heat or direct sunlight. Otherwise the packaging material may be deformed or CeraDiodes may stick together, causing problems during mounting. Avoid contamination of the CeraDiode surface during storage, handling and processing. Avoid storing CeraDiodes in harmful environments where they are exposed to corrosive gases for example (SOx, Cl). Use CeraDiodes as soon as possible after opening factory seals such as polyvinyl-sealed packages. Solder CeraDiodes after shipment from EPCOS within the time specified: 12 months. Handling Do not drop CeraDiodes and allow them to be chipped. Do not touch CeraDiodes with your bare hands - gloves are recommended. Avoid contamination of the CeraDiode surface during handling. Mounting When CeraDiodes are encapsulated with sealing material or overmolded with plastic material, be aware that potting, sealing or adhesive compounds can produce chemical reactions in the CeraDiode ceramic that will degrade its electrical characteristics and reduce its lifetime. Make sure an electrode is not scratched before, during or after the mounting process. Make sure contacts and housings used for assembly with CeraDiodes are clean before mounting. The surface temperature of an operating CeraDiode can be higher. Ensure that adjacent components are placed at a sufficient distance from a CeraDiode to allow proper cooling. Avoid contamination of the CeraDiode surface during processing. Only CeraDiodes with an Ni barrier termination are approved for lead-free soldering. Soldering Complete removal of flux is recommended to avoid surface contamination that can result in an instable and/or high leakage current. Use resin-type or non-activated flux. Bear in mind that insufficient preheating may cause ceramic cracks. Rapid cooling by dipping in solvent is not recommended, otherwise a component may crack.
Please read Cautions and warnings and Important notes at the end of this document.
Page 20 of 22
CeraDiodes Standard series
Operation Use CeraDiodes only within the specified operating temperature range. Use CeraDiodes only within specified voltage and current ranges. Environmental conditions must not harm a CeraDiode. Only use them in normal atmospheric conditions. Reducing the atmosphere (e.g. hydrogen or nitrogen atmosphere) is prohibited. Prevent a CeraDiode from contacting liquids and solvents. Make sure that no water enters a CeraDiode (e.g. through plug terminals). Avoid dewing and condensation. EPCOS CeraDiodes are designed for encased applications. Under all circumstances avoid exposure to: direct sunlight rain or condensation steam, saline spray corrosive gases atmosphere with reduced oxygen content EPCOS CeraDiodes are not suitable for switching applications or voltage stabilization where static power dissipation is required. CeraDiodes are designed for ESD protection only. This listing does not claim to be complete, it merely reflects the experience of EPCOS AG.
Please read Cautions and warnings and Important notes at the end of this document.
Page 21 of 22
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 22 of 22


▲Up To Search▲   

 
Price & Availability of B72590D0050A060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X