Part Number Hot Search : 
UM304M AV21W CPZRL7 UM304M 1N6041 NTXV1 RN740 2KBP04
Product Description
Full Text Search
 

To Download AT27C256R-70PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Fast Read Access Time - 45 ns * Low-Power CMOS Operation
- 100 A Max Standby - 20 mA Max Active at 5 MHz JEDEC Standard Packages - 28-lead PDIP - 32-lead PLCC - 28-lead TSOP and SOIC 5V 10% Supply High Reliability CMOS Technology - 2,000V ESD Protection - 200 mA Latchup Immunity Rapid Programming Algorithm - 100 s/Byte (Typical) CMOS and TTL Compatible Inputs and Outputs Integrated Product Identification Code Industrial and Automotive Temperature Ranges Green (Pb/Halide-free) Packaging Option
*
* *
256K (32K x 8) OTP EPROM AT27C256R
* * * * *
1. Description
The AT27C256R is a low-power, high-performance 262,144-bit one-time programmable read-only memory (OTP EPROM) organized 32K by 8 bits. It requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 45 ns, eliminating the need for speed reducing WAIT states on high-performance microprocessor systems. Atmel's scaled CMOS technology provides low-active power consumption, and fast programming. Power consumption is typically only 8 mA in Active Mode and less than 10 A in Standby. The AT27C256R is available in a choice of industry-standard JEDEC-approved one time programmable (OTP) plastic DIP, PLCC, SOIC, and TSOP packages. All devices feature two-line control (CE, OE) to give designers the flexibility to prevent bus contention. With 32K byte storage capability, the AT27C256R allows firmware to be stored reliably and to be accessed by the system without the delays of mass storage media. Atmel's AT27C256R has additional features to ensure high quality and efficient production use. The Rapid Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 100 s/byte. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry-standard programming equipment to select the proper programming algorithms and voltages.
0014M-EPROM-12/07
2. Pin Configurations
Pin Name A0 - A14 O0 - O7 CE OE NC Function Addresses Outputs Chip Enable Output Enable No Connect
2.1
28-lead PDIP/SOIC Top View
VPP A12 A7 A6 A5 A4 A3 A2 A1 A0 O0 O1 O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC A14 A13 A8 A9 A11 OE A10 CE O7 O6 O5 O4 O3
2.3
28-lead TSOP Top View - Type 1
OE A11 A9 A8 A13 A14 VCC VPP A12 A7 A6 A5 A4 A3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A10 CE O7 O6 O5 O4 O3 GND O2 O1 O0 A0 A1 A2
2.2
32-lead PLCC Top View
A7 A12 VPP NC VCC A14 A13
Note:
PLCC Package Pins 1 and 17 are Don't Connect.
2
AT27C256R
0014M-EPROM-12/07
O1 O2 GND NC O3 O4 O5
14 15 16 17 18 19 20
A6 A5 A4 A3 A2 A1 A0 NC O0
5 6 7 8 9 10 11 12 13
4 3 2 1 32 31 30
29 28 27 26 25 24 23 22 21
A8 A9 A11 NC OE A10 CE O7 O6
AT27C256R
3. System Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient voltage excursions. Unless accommodated by the system design, these transients may exceed datasheet limits, resulting in device non-conformance. At a minimum, a 0.1 F high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor should be connected between the VCC and Ground terminals of the device, as close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7 F bulk electrolytic capacitor should be utilized, again connected between the VCC and Ground terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to the array.
4. Block Diagram
5. Absolute Maximum Ratings*
Temperature Under Bias................................ -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground .........................................-2.0V to +7.0V(1) Voltage on A9 with Respect to Ground ......................................-2.0V to +14.0V(1) VPP Supply Voltage with Respect to Ground .......................................-2.0V to +14.0V(1) Note: 1. Minimum voltage is -0.6V DC which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is VCC + 0.75V dc which may overshoot to +7.0 volts for pulses of less than 20 ns. *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
3
0014M-EPROM-12/07
6. Operating Modes
Mode/Pin Read Output Disable Standby Rapid Program PGM Verify
(2) (2) (2)
CE VIL VIL VIH VIL X
(1)
OE VIL VIH X(1) VIH VIL VIL VIH VIL
Ai Ai X
(1)
VPP VCC VCC VCC VPP VPP VCC VPP
(3)
Outputs DOUT High Z High Z DIN DOUT DOUT High Z Identification Code
X(1) Ai Ai Ai X(1) A9 = VH A0 = VIH or VIL A1 - A14 = VIL
Optional PGM Verify PGM Inhibit(2)
VIL VIH VIL
Product Identification(4) Notes: 1. X can be VIL or VIH.
VCC
2. Refer to Programming Characteristics. 3. VH = 12.0 0.5V. 4. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled low (VIL) to select the Manufacturer's Identification byte and high (VIH) to select the Device Code byte.
7. DC and AC Operating Conditions for Read Operation
AT27C256R -45 Operating Temp. (Case) Ind. Auto. VCC Supply 5V 10% -40 C - 85 C -70 -40 C - 85 C -40 C - 125 C 5V 10%
8. DC and Operating Characteristics for Read Operation
Symbol ILI Parameter Input Load Current Condition Ind. VIN = 0V to VCC Auto. Ind. ILO IPP1 ISB ICC VIL VIH VOL VOH Notes:
(2)
Min
Max 1 5 5 10 10 100 1 20
Units A A A A A A mA mA V V V V
Output Leakage Current VPP(1) Read/Standby Current
VOUT = 0V to VCC VPP = VCC
Auto.
VCC(1) Standby Current VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, E = VIL -0.6 2.0 IOL = 2.1 mA IOH = -400 A 2.4
0.8 VCC + 0.5 0.4
1. VCC must be applied simultaneously with or before VPP, and removed simultaneously with or after VPP.. 2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
4
AT27C256R
0014M-EPROM-12/07
AT27C256R
.
9. AC Characteristics for Read Operation
AT27C256R -45 Symbol tACC(1) tCE(1) tOE(1) tDF(1) tOH Note: Parameter Address to Output Delay CE to Output Delay OE to Output Delay OE or CE High to Output Float, Whichever Occurred First Output Hold from Address, CE or OE, Whichever Occurred First 1. See AC Waveforms for Read Operation. 7 Condition CE = OE = VIL OE = VIL CE = VIL Min Max 45 45 20 20 7 Min -70 Max 70 70 30 25 Units ns ns ns ns ns
10. AC Waveforms for Read Operation(1)
Notes:
1. Timing measurement reference level is 1.5V for -45 devices. Input AC drive levels are VIL = 0.0V and VIH = 3.0V. Timing measurement reference levels for all other speed grades are VOL = 0.8V and VOH = 2.0V. Input AC drive levels are VIL = 0.45V and VIH = 2.4V. 2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE. 3. OE may be delayed up to tACC - tOE after the address is valid without impact on tACC. 4. This parameter is only sampled and is not 100% tested. 5. Output float is defined as the point when data is no longer driven.
5
0014M-EPROM-12/07
11. Input Test Waveforms and Measurement Levels
For -45 devices only:
tR, tF < 5 ns (10% to 90%) For -70 devices:
tR, tF < 20 ns (10% to 90%)
12. Output Test Load
Note:
1. CL = 100 pF including jig capacitance, except for the -45 devices, where CL = 30 pF.
13. Pin Capacitance
f = 1 MHz, T = 25C(1)
Symbol CIN COUT Note: Typ 4 8 Max 6 12 Units pF pF Conditions VIN = 0V VOUT = 0V
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
6
AT27C256R
0014M-EPROM-12/07
AT27C256R
14. Programming Waveforms(1)
Notes:
1. The Input Timing Reference is 0.8V for VIL and 2.0V for VIH. 2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer. 3. When programming the AT27C256R a 0.1 F capacitor is required across VPP and ground to suppress spurious voltage transients.
15. DC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V
Limits Symbol ILI VIL VIH VOL VOH ICC2 IPP2 VID Parameter Input Load Current Input Low Level Input High Level Output Low Volt Output High Volt VCC Supply Current (Program and Verify) VPP Current A9 Product Identification Voltage CE = VIL 11.5 IOL = 2.1 mA IOH = -400 A 2.4 25 25 12.5 Test Conditions VIN = VIL,VIH -0.6 2.0 Min Max 10 0.8 VCC + 1 0.4 Units A V V V V mA mA V
7
0014M-EPROM-12/07
16. AC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V
Limits Symbol tAS tOES tDS tAH tDH tDFP tVPS tVCS tPW tOE tPRT Notes: Parameter Address Setup Time OE Setup Time Data Setup Time Address Hold Time Data Hold Time OE High to Output Float Delay VPP Setup Time VCC Setup Time CE Program Pulse Width(3) Data Valid from OE
(2) (2)
Test Conditions(1)
Min 2
Max
Units s s s s s
Input Rise and Fall Times (10% to 90%) 20 ns Input Pulse Levels 0.45V to 2.4V Input Timing Reference Level 0.8V to 2.0V Output Timing Reference Level 0.8V to 2.0V
2 2 0 2 0 2 2 95 105 150 50 130
ns s s s ns ns
VPP Pulse Rise Time During Programming
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven - see timing diagram. 3. Program Pulse width tolerance is 100 sec 5%.
17. Atmel's AT27C256R Integrated Product Identification Code
Pins Codes Manufacturer Device Type A0 0 1 O7 0 1 O6 0 0 O5 0 0 O4 1 0 O3 1 1 O2 1 1 O1 1 0 O0 0 0 Hex Data 1E 8C
8
AT27C256R
0014M-EPROM-12/07
AT27C256R
18. Rapid Programming Algorithm
A 100 s CE pulse width is used to program. The address is set to the first location. VCC is raised to 6.5V and VPP is raised to 13.0V. Each address is first programmed with one 100 s CE pulse without verification. Then a verification/reprogramming loop is executed for each address. In the event a byte fails to pass verification, up to 10 successive 100 s pulses are applied with a verification after each pulse. If the byte fails to verify after 10 pulses have been applied, the part is considered failed. After the byte verifies properly, the next address is selected until all have been checked. VPP is then lowered to 5.0V and VCC to 5.0V. All bytes are read again and compared with the original data to determine if the device passes or fails.
9
0014M-EPROM-12/07
19. Ordering Information
19.1
tACC (ns) 45
Standard Package
ICC (mA) Active 20 Standby 0.1 Ordering Code AT27C256R-45JI AT27C256R-45PI AT27C256R-45RI AT27C256R-45TI AT27C256R-70JI AT27C256R-70PI AT27C256R-70RI AT27C256R-70TI AT27C256R-70JA AT27C256R-70PA AT27C256R-70RA Package 32J 28P6 28R(1) 28T 32J 28P6 28R(1) 28T 32J 28P6 28R(1) Operation Range Industrial (-40 C to 85 C)
70
20
0.1
Industrial (-40 C to 85 C)
20
0.1
Automotive (-40 C to 125 C)
Note:
Not recommended for new designs. Use Green package option.
19.2
tACC (ns) 45
Green Package (Pb/Halide-free)
ICC (mA) Active 20 Standby 0.1 Ordering Code AT27C256R-45JU AT27C256R-45PU AT27C256R-45RU AT27C256R-45TU AT27C256R-70JU AT27C256R-70PU AT27C256R-70RU AT27C256R-70TU Package 32J 28P6 28R(1) 28T 32J 28P6 28R(1) 28T Operation Range Industrial (-40 C to 85 C)
70
20
0.1
Industrial (-40 C to 85 C)
Note:
1. The 28-pin SOIC package is not recommended for new designs.
Package Type 32J 28P6 28R 28T 32-lead, Plastic J-Leaded Chip Carrier (PLCC) 28-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) 28-lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC) 28-lead, Thin Small Outline Package (TSOP)
10
AT27C256R
0014M-EPROM-12/07
AT27C256R
20. Packaging Information
20.1 32J - PLCC
1.14(0.045) X 45
PIN NO. 1 IDENTIFIER
1.14(0.045) X 45 0.318(0.0125) 0.191(0.0075)
E1 B
E
B1
E2
e D1 D A A2 A1
0.51(0.020)MAX 45 MAX (3X)
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL
D2
MIN 3.175 1.524 0.381 12.319 11.354 9.906 14.859 13.894 12.471 0.660 0.330
NOM - - - - - - - - - - - 1.270 TYP
MAX 3.556 2.413 - 12.573 11.506 10.922 15.113 14.046 13.487 0.813 0.533
NOTE
A A1 A2 D D1 D2
Note 2
Notes:
1. This package conforms to JEDEC reference MS-016, Variation AE. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is .010"(0.254 mm) per side. Dimension D1 and E1 include mold mismatch and are measured at the extreme material condition at the upper or lower parting line. 3. Lead coplanarity is 0.004" (0.102 mm) maximum.
E E1 E2 B B1 e
Note 2
10/04/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC) DRAWING NO. 32J REV. B
R
11
0014M-EPROM-12/07
20.2
28P6 - PDIP
D
PIN 1
E1
A
SEATING PLANE
L B1 e E B
A1
C eB
0 ~ 15
REF
SYMBOL A A1 D E E1 B
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.381 36.703 15.240 13.462 0.356 1.041 3.048 0.203 15.494 NOM - - - - - - - - - - 2.540 TYP MAX 4.826 - 37.338 15.875 13.970 0.559 1.651 3.556 0.381 17.526 Note 2 Note 2 NOTE
Notes:
1. This package conforms to JEDEC reference MS-011, Variation AB. 2. Dimensions D and E1 do not include mold Flash or Protrusion. Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").
B1 L C eB e
09/28/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 28P6, 28-lead (0.600"/15.24 mm Wide) Plastic Dual Inline Package (PDIP) DRAWING NO. 28P6 REV. B
R
12
AT27C256R
0014M-EPROM-12/07
AT27C256R
20.3 28R - SOIC
B
E1
E
PIN 1 e
D
A
A1
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN 2.39 0.050 18.00 11.70 8.59 0.356 0.203 0.94 NOM - - - - - - - - 1.27 TYP MAX 2.79 0.356 18.50 12.50 8.79 0.508 0.305 1.27 Note 1 Note 1 NOTE
0 ~ 8
C
A A1
L
D E E1 B
Note: 1. Dimensions D and E1 do not include mold Flash or protrusion. Mold Flash or protrusion shall not exceed 0.25 mm (0.010").
C L e
5/18/2004 2325 Orchard Parkway San Jose, CA 95131 TITLE 28R, 28-lead, 0.330" Body Width, Plastic Gull Wing Small Outline (SOIC) DRAWING NO. 28R REV. C
R
13
0014M-EPROM-12/07
20.4
28T - TSOP
PIN 1
0 ~ 5
c
Pin 1 Identifier Area D1 D
L
e
b
L1
E
A2
A
SEATING PLANE
GAGE PLANE
A1
SYMBOL A A1 A2 Notes: 1. This package conforms to JEDEC reference MO-183. 2. Dimensions D1 and E do not include mold protrusion. Allowable protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side. 3. Lead coplanarity is 0.10 mm maximum. D D1 E L L1 b c e
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.05 0.90 13.20 11.70 7.90 0.50 NOM - - 1.00 13.40 11.80 8.00 0.60 0.25 BASIC 0.17 0.10 0.22 - 0.55 BASIC 0.27 0.21 MAX 1.20 0.15 1.05 13.60 11.90 8.10 0.70 Note 2 Note 2 NOTE
12/06/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 28T, 28-lead (8 x 13.4 mm) Plastic Thin Small Outline Package, Type I (TSOP) DRAWING NO. 28T REV. C
R
14
AT27C256R
0014M-EPROM-12/07
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support eprom@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2007 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
0014M-EPROM-12/07


▲Up To Search▲   

 
Price & Availability of AT27C256R-70PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X