Part Number Hot Search : 
74ACT 2SB0641 KP3000A 56M01 GBC547 SMLP5002 USB25 R2000
Product Description
Full Text Search
 

To Download ADC-20-4-75R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Directional Coupler
7540to1000MHz
Maximum Ratings
OperatingTemperature StorageTemperature -40Cto85C -55Cto100C
Surface Mount
ADC-20-4-75R+
Features
Pin Connections
INPUT OUTPUT COUPLED GROUND NOTUSED
1 6 3 2,5 4
* wideband,40-1000MHz * lowmainlineloss,0.6dBtyp. * excellentVSWR,1.1:1typ. * internalload,noexternalcomponentsrequired * aqueouswashable * protectedbyUSPatent6,133,525&6,140,887
CASESTYLE:CD636 PRICE:$7.95ea.QTY(10-49)
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Applications
* CATV
Directional Coupler Electrical Specifications Outline Drawing
FREQ. (MHz) COUPLING (dB)
L Nom. 40-1000 20.50.5 Flatness 0.8 Typ. 0.5 Max. 0.8 Typ. 0.6
MAINLINE LOSS1 (dB)
M 0.9 0.7 U Typ. 24 1.2 L Min. 17 Max. Typ. Max.
DIRECTIVITY (dB)
M Typ. 20 Min. 15 Typ. 17 U Min. 12
VSWR POWER (:1) INPUT, W
Typ. 1.10 Max. 1.0
L=40-400MHzM=400-500MHzU=500-1000MHz 1.Mainlinelossincludestheoreticalpowerlossatcoupledport.
Typical Performance Data
PCB Land Pattern
Suggested Layout, Tolerance to be within .002

Frequency (MHz) 40.00 100.00 220.00 340.00 450.00 560.00 680.00 800.00 900.00 1000.00
Mainline Loss (dB) In-Out 0.57 0.52 0.50 0.53 0.56 0.62 0.68 0.71 0.74 0.77
ADC-20-4-75R+ MAINLINE LOSS
Coupling (dB) In-Cpl 20.74 20.82 20.87 20.82 20.73 20.59 20.42 20.23 20.07 19.86
Directivity (dB) 24.46 24.90 23.92 22.10 20.26 18.57 17.84 17.23 16.93 16.53
Return Loss (dB) In Out 24.97 25.29 29.34 29.25 28.31 29.17 26.02 26.77 24.23 25.60 25.31 24.40 30.01 23.08 27.10 23.22 23.57 23.74 25.62 24.50
ADC-20-4-75R+ COUPLING & DIRECTIVITY
Cpl 25.60 28.73 31.75 39.90 41.94 37.70 36.42 30.86 28.67 27.23
Outline Dimensions ( inch ) mm
A .272 6.91 H .030 0.76 B .310 7.87 J .026 0.66 C .220 5.59 K .065 1.65 D .100 2.54 L .300 7.62 E .162 4.11 F .055 1.40 G .100 2.54 wt grams 0.25
0.9 MAINLINE LOSS (dB) 0.8 0.7 0.6 0.5 0.4 0
at RF level of -4.3 dBm
27 COUPLING & DIRECTIVITY (dB) 24 21 18 15
at RF level of -4.3 dBm
COUPLING
DIRECTIVITY
Demo Board MCL P/N: TB-356 Suggested PCB Layout (PL-213)
200
400
600
800
1000
0
200
400
600
800
1000
FREQUENCY (MHz) ADC-20-4-75R+ RETURN LOSS IN 40 OUT CPL
FREQUENCY (MHz)
Electrical Schematic
50 RETURN LOSS (dB)
at RF level of -4.3 dBm
30
20 0 200 400 600 800 1000 FREQUENCY (MHz)
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
REV.A M119986 ED-12356/2 ADC-20-4-75R+ DY/LC/CP/AM 081111


▲Up To Search▲   

 
Price & Availability of ADC-20-4-75R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X