Part Number Hot Search : 
3154A SZ455G 6L1CA TCR2EF18 1C101MR 2SK35 G150N50W MX7847BQ
Product Description
Full Text Search
 

To Download ADC-20-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Directional Coupler
50 100 to 1200 MHz
Features
-40C to 85C -55C to 100C
Surface Mount
ADC-20-12+ ADC-20-12
Maximum Ratings
Operating Temperature Storage Temperature
Pin Connections
INPUT OUTPUT COUPLED GROUND 50 TERM EXTERNAL ISOLATE (DO NOT USE) 1 6 3 2 4 5
* useable to 1500 MHz * low mainline loss, 0.5 dB typ. * high directivity, 26 dB typ. * aqueous washable * protected by U.S Patents 6,133,525 & 6,140,887 * cable tv
CASE STYLE: CD542 PRICE:$6.95 ea. QTY (10-49)
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Applications
Directional Coupler Electrical Specifications
FREQ. (MHz) COUPLING (dB) MAINLINE LOSS1 (dB) DIRECTIVITY (dB) VSWR POWER (:1) INPUT, W
L Max. 1.0 MU Max. 1.0
Outline Drawing
fL-fU 100-1200
Nom. 200.75
Flatness 0.7
Typ. 0.5
Max. 1.1
Typ. 26
Min. 13
Typ. 1.17
1. Mainline loss includes theoretical power loss at coupled port.
Typical Performance Data
PCB Land Pattern
Frequency (MHz)
100.00 250.00 350.00 500.00 600.00
Mainline Loss (dB) In-Out
0.34 0.37 0.39 0.46 0.50 0.53 0.56 0.61 0.69 0.76
Coupling (dB) In-Cpl
19.94 20.14 20.24 20.56 20.50 20.55 20.58 20.61 20.61 20.63
Directivity (dB)
22.33 22.91 23.45 26.44 27.16 27.78 27.00 25.40 22.34 20.72
In
29.24 26.99 25.38 23.21 22.03 21.02 20.17 19.23 17.44 16.56
Return Loss (dB) Out
25.01 24.13 22.81 21.05 19.94 18.96 18.09 17.25 15.64 14.90
Cpl
30.72 28.60 26.88 24.55 23.24 22.06 21.12 20.16 18.19 17.35
Suggested Layout, Tolerance to be within .002
700.00 800.00 900.00 1100.00 1200.00
Outline Dimensions ( inch ) mm
A .272 6.91 H .030 0.76 B .310 7.87 J .026 0.66 C .220 5.59 K .065 1.65 D .100 2.54 L .300 7.62 E .112 2.84 F .055 1.40 G .100 2.54
INSERTION LOSS (dB) 1.0 0.8 0.6 0.4 0.2 0.0 100
at RF level of -10 dBm
ADC-20-12 MAINLINE LOSS
40 COUPLING & DIRECTIVITY (dB) 34 28 22 16 10 100
ADC-20-12 COUPLING & DIRECTIVITY
at RF level of -10 dBm
wt grams 0.20
COUPLING
DIRECTIVITY
Demo Board MCL P/N: TB-05 Suggested PCB Layout (PL-095)
320
540 760 FREQUENCY (MHz)
980
1200
320
540 760 FREQUENCY (MHz)
980
1200
ADC-20-12 RETURN LOSS 40 RETURN LOSS (dB) 34 28 22 16 10 100
at RF level of -10 dBm
Electrical Schematic
CPL
IN
OUT
320
540 760 FREQUENCY (MHz)
980
1200
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
REV. D M119986 ED-7776/1 ADC-20-12 WZ/TD/CP/AM 081111


▲Up To Search▲   

 
Price & Availability of ADC-20-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X