Part Number Hot Search : 
FR304 1N4740 0913225X Z1021 600YL BD6524 SDB292B MMA690XQ
Product Description
Full Text Search
 

To Download 889M-F12AHMU-0M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Connection Systems
Cordsets and Patchcords
M23 Style, Male to Female, 12-Pin Patchcord Specifications
Coupling Nut Connector Contacts Cable Cable Approvals Cable O.D. Enclosure Rating Temperature Nickel-plated brass Molded oil-resistant PUR Gold-plated palladium/nickel Oil resistant yellow PVC jacket, 18AWG conductors, 60V UL recognized and CSA certified 10mm (0.41in) IP67, NEMA 6P -20C to +80C (-4F to +176F)
Features
* 12-pin configuration for SafeShield light curtains and other applications * Highly visible yellow PVC jacket offers good oil and chemical resistance
Product Selection
Female Connector (Sensor End) Face View of Female Connector Style Cable Wire Rating Length--m (ft) 0.3 (1)
1 2 3 4 10 11 5 9 8 12 7 6
Male Connector Face View of Male Connector Style Catalogue Number 889M-F12AHMU-0M3
8 7 6 5 12 11 4 9 1 10 2 3
Straight
18AWG 60V 4A
0.6 (2) 1 (3.3) 2 (6.5) 3 (9.8)
889M-F12AHMU-0M6 Straight 889M-F12AHMU-1 889M-F12AHMU-2 889M-F12AHMU-3
Approximate Dimensions--mm (inches)
85 (3.35) 26.2 (1.03) Dia. Male Plug M23 x 1 Internal Threads Dimensions are approximate. Illustrations are not drawn to scale. Female Plug Length 85 (3.35) 26.2 (1.03) Dia.
15-14


▲Up To Search▲   

 
Price & Availability of 889M-F12AHMU-0M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X