|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Oscilent Corporation IF SAW Filter | 815-IF44.0M-B Page 1 of 2 IF SAW Filter Part Number Package Application Last Modified 815-IF44.0M-B . TYPE : 15.9 x 5.9 Thru Hole Digital A/V & Broadcasting May 22 2003 44.00 MHz Bandpass Filter 6.2 MHz Bandwidth PART NUMBER : 815-IF44.0M-B . Horizontal : 1.5 MHz/Div Veritical : 10 dB/Div Horizontal : 0.8 MHz/Div Veritical : 1 dB/Div Veritical : 100 ns/Div . OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS PARAMETERS Center Frequency Insertion Loss (Input Voltage : 12V) 3 dB Bandwidth 30 dB Bandwidth Lower Sidelobe (35.0 ~ 39.7 MHz) Upper Sidelobe (48.0 ~ 55.0 MHz) Passband Ripple Group Delay Variation Absolute Delay (at Fo) Temperature Coefficient Minimum 43.93 6.2 35 34 Typical 44.00 13.0 6.24 7.63 35.7 35.6 0.6 60 1.45 -72 Maximum 44.07 15.0 7.68 1.0 100 Units MHz dB MHz MHz dB dB dB nsec sec ppm/K * Custom SAW IF Filters available. Contact Oscilent for assistance. . PACKAGE OUTLINE (mm) TEST FIXTURE Oscilent Corporation IF SAW Filter | 815-IF44.0M-B Page 2 of 2 Source Impedance = 50 ohms Load Impedance = 2 Kohms / 3pF Part No.: 815-IF44.0M-B Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map |
Price & Availability of 815-IF440M-B |