Part Number Hot Search : 
PQ108A1 ZTB196D 225M315 8168B 3P100 WM8751 PG100R05 GSB649A
Product Description
Full Text Search
 

To Download 5KP17CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
VOLTAGE 5.0 to 110 VOLTS 5000 WATT PEAK PULSE POWER
P600
FEATURES
Plastic package has Underwrites Laboratory Flammability Classification 94V-O Glass passivated junction 5000W Peak Pulse Power capability on 10/1000 s waveform Excellent clamping capability Repetition rate (Duty Cycle):0.5% Low incremental surge resistance Fast response time: typically less than 1.0 ps from 0 volts to BV Typical ID less than 1 A above 10V High temperature soldering guaranteed: 300oC/10 seconds /.375',(9.5mm) lead length/51bs.,(2.3kg) tension
MECHANICAL DATA
Case:Molded plastic over glass passivated junction Terminals:Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity:Color band denote positive end (cathode) Mounting Position:Any Weight:0.07 ounces, 2.1gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified.
RATINGS Peak Pulse Power Dissipation on 10/1000 Peak Pulse Current of on 10/1000 Steady Power Dissipation at TL=75 C Lead Lengths .375",(9.5mm)(NOTE 2) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JEDEC Method)(NOTE 3) Operating Junction and Storage Temperature Range
0
SYMBOL s waveform (NOTE 1,Fig.1) PPPM PPPM PM(AV) s waveform (NOTE 1,Fig.3)
VALUE Minimum 5000 SEE TABLE 1 8.0
UNITS Watts Amps Watts Amps
0
IFSM TJ, TSTG
400 -55 to + 175
C
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25oC per Fig.2 2. Mounted on Copper Leaf area of 0.79 in2 (20mm2) 3. Measured on 8.3ms single half sine-wave or equivalent square wave, Duty Cycle=4 pulses per minuters maximum.
5KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES 5KP SERIES
Fig. 1 - PEAK PULSE POWER VS PULSE TIME
PEAK PULSE POWER (P PP) OR CURRENT (l PP) DERATING PERCENTAGE %
100
Fig. 2 - PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, kW
100
Non-Repetitive Pulse waveform Shown in Flgure 3 TA=250C
75
10
50
1.0
25
0.1 0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0 0 25 50 75 100 125 150 175 200
td, PULSE WIDTH, SEC
TA, AMBIENT TEMPERATURE, 0C
Fig. 3 - PULSE WAVEFORM
150
Fig. 4 - TYPICAL JUNCTION CAPACIT ANCE UNIDIRECTIONAL
104
0 TJ=25C f=1.0MHz Vsig=50mVp-p
IPPM, PEAK PULSE CURRENT, %
tf=10 se Peak Value Ippm
TA=250C Pulse Width (td) is Defined as the Poitn Where the Peak Current Decays to 50% of Ipp
40,000 20,000
100
Measursd at Zero Bias
CJ, CAPACITANCE, pF
10,000 6,000 4,000 2,000 1,000 400
Measursd at Stand-Off Voltage(V MW)
Half Value-Ipp 2 50 10/1000 sec Waveform as Defined by R.E.A e-kt td 0 1.0 2.0 3.0 4.0
0
t, TIME, ms
200
Pm (AV) STEADY STATE POWER DISSIPATION, WATTS
Fig. 5 - STEADY STATE POWER DERATING CURVE
0.8
100 1.0
2.0
5.0
10
20
50 100 200
V(WM), REVERSE STAND-OFF VOLT AGE, VOLTS
Fig. 6 - MAXIMUM NON-REPETITIVE
IFSM, PEAK FORWARD SURGE CURRENT AMPERES
0.6
PEAK FORWARD SURGE CURRENT
400 350 300 250 200 150 100 1 2 3 5 10 20 30 50 100
TJ=TJ max
0.4
l=375"(9.5mm)
8.3ms Single Half Sine-Wave JEDEC Method
0.2
20mmx20mmx1mm Cu (0.8"x0.8"x.040")
0 0 25 50 75 100 125 150 175 200
TL, LEAD TEMPERATURE, 0C
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of 5KP17CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X