Part Number Hot Search : 
WM8778 UPD70 AXLE7050 2000D SHD115 4600JFP AK2048D 25P03
Product Description
Full Text Search
 

To Download 40ST1041EXLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
Bothhandusa.com
P/N: 40ST1041EX LF DATA SHEET
Feature
IEEE 802.3 Ethernet compatible, 100 Base-TX Surface mountable. Design for multi-port repeater and Ethernet switching Hub application. Customer designs available for specific application. Lead free for external pins. Operating temperature range : 0J to +70J . Storage temperature range: -25J to +125J .
Electrical Specifications @ 25C
Part Number Turns Ratio (5%) TX RX OCL(g H Min) @100KHz/0.1Vrms 8mA DC/Bias 350 L.L (g H Max) 0.5 Cw/w (pF Max) 56 HI-POT (Vrms) 1500 Rise Time (nS Typ) 2.5
40ST1041EX LF 1CT:1CT 1CT:1CT
Continue
Part Number
40ST1041EX LF
Insertion Loss (dB Max)
Return Loss (dB Min)
Cross talk (dB Min) 0.3-60MHz -40 60-100MHz -35
DCMR (dB Min) 60MHz 100MHz 200MHz -37 -28 -25
0.3-100MHz 0.3-30MHz 30-60MHz 60-80MHz -1.15 -16 -12 -10
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of 40ST1041EXLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X