Part Number Hot Search : 
16C15 PJQ5461A D1157 2008Z CY7C10 2H16S2K2 M8400 AD834AR
Product Description
Full Text Search
 

To Download 3KP17CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
VOLTAGE 6.8 to 144 VOLTS 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
FEATURES
Plastic package has Underwrites Laboratory Flammability Classification 94V-O Glass passivated junction 3000W Peak Pulse Power capability on 10/1000 s waveform Excellent clamping capability Repetition rate (Duty Cycle):0.5% Low incremental surge resistance Fast response time: typically less than 1.0 ps from 0 volts to BV min. Typical ID less than 1 A above 10V High temperature soldering guaranteed: 300oC/10 seconds /.375',(9.5mm) lead length/51bs.,(2.3kg) tension
MECHANICAL DATA
Case:Molded plastic over glass passivated junction Terminals:Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity:Color band denote positive end (cathode) Mounting Position:Any Weight:0.07 ounces, 2.1gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified.
RATINGS Peak Pulse Power Dissipation on 10/1000 Peak Pulse Current of on 10/1000 Steady Power Dissipation at TL=75 C Lead Lengths .375",(9.5mm)(NOTE 2) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JEDEC Method)(NOTE 3) Operating Junction and Storage Temperature Range
0
SYMBOL s waveform (NOTE 1,Fig.1) PPPM PPPM PM(AV) s waveform (NOTE 1,Fig.3)
VALUE Minimum 3000 SEE TABLE 1 8.0
UNITS Watts Amps Watts Amps
0
IFSM TJ, TSTG
250 -55 to + 175
C
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25oC per Fig.2 2. Mounted on Copper Leaf area of 0.79 in2 (20mm2) 3. Measured on 8.3ms single half sine-wave or equivalent square wave, Duty Cycle=4 pulses per minuters maximum.
3KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES 3KP SERIES
Fig. 2 - PULSE DERATING CURVE
PEAK PULSE POWER (P PP) OR CURRENT (l PP) DERATING PERCENTAGE %
Fig. 1 - PEAK PULSE POWER VS PULSE TIME
100
PPPM, PEAK PULSE POWER, kW
100
Non-Repetitive Pulse waveform Shown in Flgure 3 TA=250C
75
10
50
1.0
25
0.1 0.1 s
0 0 25 50 75 100 125 150 175 200
1.0 s
10 s
100 s
1.0ms
10ms
td, PULSE WIDTH, SEC
TA, AMBIENT TEMPERATURE, 0C
Fig. 3 - PULSE WAVEFORM
150
Fig. 4 - TYPICAL CAPACIT ANCE VS STAND-OFF VOLTAGE
20,000 10,000
0 TJ=25C f=1.0MHz Vsig=50mVp-p
IPPM, PEAK PULSE CURRENT, %
tf=10 se Peak Value Ippm 100 Half Value-Ipp
TA=250C Pulse Width (td) is Defined as the Poitn Where the Peak Current Decays to 50% of Ipp
Measursd at Zero Bias
CJ, CAPACITANCE, pF
1,000
2 50 10/1000 sec Waveform as Defined by R.E.A
Measursd at Stand-Off Voltage(V MW)
100
e-kt 0 0 td 1.0 2.0 3.0 4.0
t, TIME, ms
10 1.0 2.0
10
20
100 200 400
V(WM), REVERSE STAND-OFF VOLT AGE, VOLTS
Fig. 5 - STEADY STATE POWER DERATING CURVE
Pm (AV) STEADY STATE POWER DISSIPATION, WATTS
6.0
Fig. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
IFSM, PEAK FORWARD SURGE CURRENT AMPERES
300 250 200 150 100 50 0 1 2 5 10 20 50 100
8.3ms Single Half Sine- Wave JEDEC Method
TJ=TJ max
4.0
l=375"(9.5mm)
2.0
20mmx20mmx1mm Copper Heat Sinks (0.8"x0.8"x.040")
0 0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE, 0C
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of 3KP17CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X