Part Number Hot Search : 
BZX82B36 C3117 PSDPRO PVT212S LV800 UC384 PVT212S HAT1025R
Product Description
Full Text Search
 

To Download 3KBP005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3KBP005M THRU 3KBP10M
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V Current:3.0A
Features
Glass passivated chip junction High case dielectric strength High surge current capability Ideal for printed circuit board
KBPM
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: As marked on body
Dimensions in inches and (millimeters)
MAXIMUM
RATINGS
AND
ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current Ta =55 Peak forward surge current 50 Hz single half sine-wave superimposed on rated load Maximum instantaneous forward voltage drop per diode at 3.0A Rating for fusing (t < 10ms) Maximum DC reverse current at rated DC blocking voltage per leg Maximum thermal resistance per leg Ta = 25 C Ta = 125 C (Note1) Vrrm Vrms Vdc If(av) Ifsm Vf It Ir Rth(ja) Rth(jc) Cj Tj, Tstg
2
3KBP 005M 50 35 50
3KBP 01M 100 70 100
3KBP 02M 200 140 200
3KBP 04M 400 280 400 3.0 80 1.05 32 5.0 500 30 11 25 -55 to +150
3KBP 06M 600 420 600
3KBP 08M 800 560 800
3KBP 10M 1000 700 1000
units V V V A A V A Sec A /W pF
2
Typical junction capacitance per leg at 4.0V,1MHz Operating junction and storage temperature range
Note: 1. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47 x 047" (12 x 12mm) copper pads
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 3KBP005M THRU 3KBP10M
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 3KBP005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X