Part Number Hot Search : 
4HC240 A1774 2SC829 15100 01208 5L380R 1H222M 9335M
Product Description
Full Text Search
 

To Download 2SD1709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD1709
DESCRIPTION *High Breakdown Voltage: VCBO= 1500V (Min) *High Switching Speed *Built-in Damper Diode
APPLICATIONS *Color TV horizontal deflection output *Color display horizontal deflection output
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE UNIT 1500 V 800 V 6 V 5 A 16 A 100 W
.cn mi e
IC
Collector Current- Continuous
ICP
Collector Current-Pulse
PC
Collector Power Dissipation @ TC=25
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1709
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; IB= 0
800
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4.5A; IB= 2A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4.5A; IB= 2A
1.5
V
ICBO
Collector Cutoff Current
VCB= 800V ; IE= 0
10
A
IEBO
Emitter Cutoff Current
VEB= 4V ; IC= 0
hFE-1
DC Current Gain
IC= 0.5A ; VCE= 5V
tf
Fall Time
w
w. w
IC= 4A , IB1= 0.8A ; IB2= -1.6A PW=20s; Duty Cycle1%
.cn mi cse is
8
40
130
mA
0.5
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD1709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X