Part Number Hot Search : 
FP7281PM HV37H68 ZT490EEP 23C5V1 I72110 ISL88002 LL414 PMSTA05
Product Description
Full Text Search
 

To Download 2SD1706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD1706
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 80V(Min) *Good Linearity of hFE *Low Collector Saturation Voltage: VCE(sat)= 0.5V(Max.)@ IC= 7A *Complement to Type 2SB1155
APPLICATIONS *Designed for power switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE 130 V 80 V 7 V 15 A 25 A 80 W
UNIT
.cn mi e
IC
Collector Current-Continuous
ICP
Collector Current-Pulse Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature 3
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO VCE(sat)-1 VCE(sat)-2 VBE(sat)-1 VBE(sat)-2 ICBO IEBO hFE-1 hFE-2 hFE-3 fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base -Emitter Saturation Voltage Base -Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain DC Current Gain CONDITIONS IC= 10mA; IB= 0 IC= 7A; IB= 0.35A
B
2SD1706
MIN 80
TYP.
MAX
UNIT V
0.5 1.5 1.5 2.5
V V V V A A
IC= 15A; IB= 1.5A IC= 7A; IB= 0.35A
B
IC= 15A; IB= 1.5A VCB= 100V; IE= 0
Current-Gain--Bandwidth Product
w w
w.
sem isc
VEB= 5V; IC= 0 IC= 0.1A; VCE= 2V IC= 3A; VCE= 2V IC= 8A; VCE= 2V IC= 0.5A; VCE= 10V IC= 7A, IB1= -IB2= 0.7A
.cn i
45 60 30 20 0.5 2.0 0.2
10 50
260
MHz
Switching Times ton tstg tf Turn-on Time Storage Time Fall Time s s s
hFE-2Classifications R 60-120 Q 90-180 P 130-260
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD1706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X