Part Number Hot Search : 
MAX382 1046014 VB270L 2SC2508 N2803 M1101 SK204 FSB50550
Product Description
Full Text Search
 

To Download 2SC1623K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC1623K
Elektronische Bauelemente 150 A, 60 V NPN Epitaxial Planar Transistor
RoHS Compliant Product A suffix of "-C" specifies halogen and lead free
DESCRIPTION
The 2SC1623K is designed for use in driver stage of AF amplifier and general purpose application.
PACKAGE DIMENSIONS
Base
3 Collector 1
SOT-23 Dim A B C D G Min 2.800 1.200 0.890 0.370 1.780 0.013 0.085 0.450 0.890 2.100 0.450 Max 3.040 1.400 1.110 0.500 2.040 0.100 0.177 0.600 1.020 2.500 0.600
2
Emitter
A L
3
H
K
2
J
J K
C
Top View
1
BS
L S V
V
G
D
H
All Dimension in mm
ABSOLUTE MAXIMUM RATINGS at Ta = 25C
Parameter
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Currrent Total Power Dissipation Junction, Storage Temperature
Symbol
VCBO VCEO VEBO IC Pc TJ, TSTG
Ratings
60 50 5 100 200 +150, -55 ~ +150
Unit
V V V mA mW
CHARACTERISTICS at Ta = 25C
Symbol
BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat)1 *hFE1 fT
Min.
60 50 5 90 -
Typ.
250
Max.
100 100 300 1.0 600 -
Unit
V V V nA nA mV V MHz IC=100uA IC=1mA IE=100uA VCB=60V VEB=5V
Test Conditions
IC=100mA, IB=10mA IC=100mA, IB=10mA VCE=6V, IC=1mA VCE=6V, IC=10mA * Pulse Test: Pulse Width380s, Duty Cycle2%
CLASSIFICATION OF hFE1
Rank Range Marking
P 90 - 180 L4 Y 135 - 270 L5 G 200 - 400 L6 B 300 - 600 L7
01-June-2002 Rev. A
Page 1 of 3
2SC1623K
Elektronische Bauelemente 150 A, 60 V NPN Epitaxial Planar Transistor
CHARACTERISTIC CURVES
01-June-2002 Rev. A
Page 2 of 3
2SC1623K
Elektronische Bauelemente 150 A, 60 V NPN Epitaxial Planar Transistor
01-June-2002 Rev. A
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2SC1623K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X