Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download 2SA1037KPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Medium Power Amplifier .
2SA1037KPT
CURRENT 150 mAmpere
FEATURE
* Surface mount package. (SOT-23) * Low saturation voltage VCE(sat)=-0.5V(max.)(IC =50mA) * Low cob. Cob=4.0pF(Typ.)
.018 (0.30) .019 (0.50)
SOT-23
.041 (1.05) .033 (0.85)
(1)
* PC= 150mW (Total),120mW per element must not be exceeded. * High saturation current capability.
.110 (2.80) .082 (2.10) .119 (3.04)
.066 (1.70)
(3)
CONSTRUCTION
* PNP Silicon Transistor
(2)
MARKING
* NT
.055 (1.40) .047 (1.20)
.103 (2.64) .086 (2.20)
.028 (0.70) .020 (0.50)
.007 (0.177)
CIRCUIT
(1) B
(3) C
.045 (1.15) .033 (0.85)
(2) E
.002 (0.05)
Dimensions in inches and (millimeters)
SOT-23
2SA1037KPT LIMITING VALUES
MAXIMUM RATINGES ( At TA = 25 C unless otherwise noted ) RATINGS Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current DC Peak Collector Current Peak Base Current Total Power Dissipation Storage Temperature Junction Temperature Operating Ambient Temperature TA 25OC; Note 1 CONDITION Open Emitter Open Base Open Collector SYMBOL VCBO VCEO VEBO IC ICM IBM PTOT TSTG TJ TAMB MIN. -55 -55 MAX. -60 -50 -6 -150 -150 -15 250 +150 +150 +150 UNITS Volts Volts Volts mAmps mAmps mAmps mW
o
C C C
o
o
Note
1. Transistor mounted on ceramic substrate 50mmX50mmx0.8t. 2. Measured at Pulse Width 300 us, Duty Cycle 2%.
2004-07
RATING CHARACTERISTIC CURVES ( 2SA1037KPT )
2SA1037KPT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) PARAMETERS Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Output Collector Capacitance Transition Frequency CONDITION IC=-50uA IC=-1mA IE=-50uA IE=0; VCB=-60V IC=0; VEB=-6V VCE=-6V IC=-1mA IC=-50mA; IB=-5mA IE=ie=0; VCB=-12V; f=1MHz IE=2mA; VCE=-12V; f=100MHz SYMBOL BVCBO BVCEO BVEBO ICBO IEBO hFE VCEsat Cob fT MIN. -60 -50 -6 120 4 140 TYPE MAX. -0.1 -0.1 560 -0.5 5.0 Volts pF MHz uA UNITS Volts Volts Volts
RATING CHARACTERISTIC CURVES ( 2SA1037KPT )
2SA1037KPT Typical Electrical Characteristics
Fig.1
-50
COLLECTOR CURRENT : IC (mA)
Grounded emitter propagation characteristics
Ta=100C 25C -40C
VCE=-6V
Fig.2
-10
COLLECTOR CURRENT : IC (mA)
Grounded emitter output characteristics
Fig.3 DC current gain vs. collector current (1)
500
Ta=25C
VCE=-5V -3V -1V
-35.0
Ta=25C
-20 -10 -5 -2 -1 -0.5 -0.2 -0.1
-31.5
DC CURRENT GAIN : hFE
-8
-28.0 -24.5
-6
-21.0 -17.5
200
-4
-14.0 -10.5
100
-2
-7.0 -3.5A
50
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8
BASE TO EMITTER VOLTAGE : VBE (V)
0
-0.4
-0.8
-1.2
-1.6
IB=0 -2.0
-0.2 -0.5 -1
-2
-5 -10 -20
-50 -100
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current (2)
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
Fig. 5 Collector-emitter saturation voltage vs. collector current
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
Fig.6 Collector-emitter saturation voltage vs. collector current
-1
lC/lB=10
500
Ta=100C 25C
DC CURRENT GAIN : hFE
-1
VCE=-6V
Ta=25C
-0.5
-0.5
200
-40C
100
-0.2
IC/IB=50
-0.2
Ta=100C 25C -40C
-0.1
20
10
-0.1
50
-0.05 -0.2 -0.5 -1 -2 -5 -10 -20
-0.05 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
-0.2 -0.5 -1
-2
-5 -10 -20
-50 -100
-50 -100
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.7 Gain bandwidth product vs. emitter current
1000
TRANSITION FREQUENCY : fT (MHz)
Ta=25C VCE=-12V
500
200
100
50 0.5
1 2 5 10
20
50
100
EMITTER CURRENT : IE (mA)


▲Up To Search▲   

 
Price & Availability of 2SA1037KPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X