Part Number Hot Search : 
PD5011C GL3EG62 EMH75 HZS24L3 UL1480 LM8596 CEE124 2B2405XD
Product Description
Full Text Search
 

To Download 2N6500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N6500
*
DESCRIPTION With TO-66 package *Wide area of operation *High sustaining voltage APPLICATIONS *For high-speed switching and linearamplifier applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 120 90 7 4 5 3 35 150 -65~200 UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction to case MAX 5.0 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2N6500
SYMBOL
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2 A ; IB=0
90
V
VCEsat
Collector-emitter saturation voltage
IC=3A; IB=0.3A
1.5
V
VBEsat
Base -emitter saturation voltage
IC=3A; IB=0.3A VCE=110V;VBE(off)=-1.5V TC=150 VCE=70V; IB=0
2.5 5.0 10 5.0
V
ICEV
Collector cut-off current
mA
ICEO
Collector cut-off current
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
25
mA
hFE
DC current gain
IC=3A ; VCE=2V
15
60
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
175
pF
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N6500
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2N6500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X