Part Number Hot Search : 
BD3940FP M5291 PA0801NL USB25 PT22002 RM4190 HUN2114 KDS5670
Product Description
Full Text Search
 

To Download 1N5811 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5811
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
VOLTAGE150V CURRENT: 3.0A
FEATURE
Glass passivated Hermetically sealed package Low reverse current Soft recovery characteristics
G-4
MECHANICAL DATA
Case: G-4 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Reverse Breakdown Voltage IR=100A
1N5811
150 105 150 160 3.0 125 0.875 5.0 150.0 40 35.5 -65 to +175
units
V V V V A A V A nS /W
VRRM VRMS VDC VBR IFAV IFSM VF IR Trr Rth(jl) Tstg, Tj
Maximum Average Forward Rectified Current 3/8"lead length at Ta=55 Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load Maximum Forward Voltage at Forward Current 4A and 25 Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =100 Maximum Reverse Recovery Time Typical Thermal Resistance Storage and Operating Junction Temperature
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
(Note 1)
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N5811
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5811

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X