Part Number Hot Search : 
CRBV5 C8950 MC68HC9 SY5PA SC1152 03994 2SK12 P5630
Product Description
Full Text Search
 

To Download 1N5620GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5620GP
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
VOLTAGE 800V VOLTAGE800V CURRENT: 1.0A 1.0A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Low reverse current Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C /10sec/0.375"lead length at 5 lbs tension
DO-15\DO-204AC
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Reverse Breakdown Voltage IR=50A
1N5620GP 1N5620GP
800 560 800 880 1.0 50 1.3 1.0 25.0 2.0 50.0 35.0 -65 to +175
units
V V V V A A V A S pF /W
VRRM VRMS VDC VBR IFAV IFSM VF IR Trr Cj Rth(ja) Tstg, Tj
Maximum Average Forward Rectified Current 3/8"lead length at Ta=50 Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load Maximum Forward Voltage at Forward Current 3.0A and 25 Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =100 Maximum Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance Storage and Operating Junction Temperature
Note:
(Note 1) (Note 2) (Note 3)
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 12.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N5620GP
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5620GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X