Part Number Hot Search : 
30KPA102 M51971L MKI1810 100CL V300B28 H100T3G 1602CT EUP6514
Product Description
Full Text Search
 

To Download 1N5617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5617
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
VOLTAGE400V CURRENT: 1.0A
FEATURE
Glass passivated Hermetically sealed package Low reverse current Soft recovery characteristics
SOD-57
MECHANICAL DATA
Case: SOD-57 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Reverse Breakdown Voltage IR=50A
1N5617
400 280 400 440 1.0 25 1.6 1.0 25.0 150 35.0 45.0 -65 to +175
units
V V V V A A V A nS pF /W
VRRM VRMS VDC VBR IFAV IFSM VF IR Trr Cj Rth(ja) Tstg, Tj
Maximum Average Forward Rectified Current 3/8"lead length at Ta=55 Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load Maximum Forward Voltage at Forward Current 3.0A and 25 Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =100 Maximum Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance Storage and Operating Junction Temperature
Note:
(Note 1) (Note 2) (Note 3)
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 12.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N5617
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X