Part Number Hot Search : 
045N10N LGA679 SD1080T 14066BCP LHV4340 DB25S 6680M 70HF100R
Product Description
Full Text Search
 

To Download 1N5406G-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G-E THRU 1N5408G-E
GLASS PASSIVATED JUNCTION RECTIFIER
VOLTAGE: 50V to 1000V CURRENT: 3.0A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C /10sec/0.375" lead length at 5 lbs tension Glass Passivated chip Halogen Free
DO - 201AD
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 Halogen Free Epoxy Polarity: color band denotes cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
1N 540 0GE 50 35 50 1N 540 1GE 100 70 100 1N 540 2GE 200 140 200 1N 540 3GE 300 210 300 1N 540 4GE 400 280 400 3.0 180 1.1 30.0 5.0 100.0 40 30 -55 to +150 1N 540 5GE 500 350 500 1N 540 6GE 600 420 600 1N 540 7GE 800 560 800 1N 540 GE 1000 700 1000
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length at TL =105 C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at rated forward current Maximum full load reverse current full cycle at TL =75 C Maximum DC Reverse Current Ta =25 C at rated DC blocking voltage Ta =125 C Typical Junction Capacitance (Note 1) Operating Temperature (Note 2) Storage and Operating Junction Temperature
Note:
units V V V A A V A A pF C/W C
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Cj Rth(ja) Tstg, Tj
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.375" lead length, P.C. Board Mounted
Rev.A2
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N5400G-E THRU 1N5408G-E
Rev.A2
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5406G-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X