Part Number Hot Search : 
00393 800000 3BR176 BUJ101AU LT4941 D4112 BUJ101AU R010004
Product Description
Full Text Search
 

To Download 1N5400G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G THRU 1N5408G
GLASS PASSIVATED JUNCTION RECTIFIER
VOLTAGE: 50V to 1000V CURRENT: 3.0A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C /10sec/0.375" lead length at 5 lbs tension Glass Passivated chip
DO - 201AD
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified C Current 3/8" lead length at TL =105 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at rated forward current Maximum full load reverse current full cycle at TL =75 C Maximum DC Reverse Current Ta =25 C at rated DC blocking voltage Ta =100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Storage and Operating Junction Temperature
Note: 1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.375" lead length, P.C. Board Mounted
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Cj Rth(ja) Tstg, Tj
1N5 400 G 50 35 50
1N5 401 G 100 70 100
1N5 402 G 200 140 200
1N5 403 G 300 210 300
1N5 404 G 400 280 400 3.0 180 1.1 30.0
1N5 405 G 500 350 500
1N5 406 G 600 420 600
1N5 407 G 800 560 800
1N5 408 G 1000 700 1000
units V V V A A V A A pF C/W C
5.0 300.0 40 30 -55 to +150
Rev.A2
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N5400G THRU 1N5408G
Rev.A2
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5400G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X