Part Number Hot Search : 
34063 2SK37 SRB1660C 4DFT2 BZV55C10 IME02TS L443HDT MA4E1338
Product Description
Full Text Search
 

To Download 1N5399-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5399-E
GENERAL PURPOSE PLASTIC RECTIFIER
VOLTAGE: 1000V CURRENT: 1.5A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C/10sec/0.375"lead length at 5 lbs tension Halogen Free
DO-15\DO-204AC
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Halogen Free Epoxy Polarity: color band denotes cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL * * * * * * * * Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =25C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at 1.5A Maximum full load reverse current full cycle at TL =70C Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Typical Junction Capacitance (Note 1) Typical Thermal Resistance * (Note 2) Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Cj Rth(ja) Rth(jl) Tj, Tstg 1N5399-E 1000 700 1000 1.5 50.0 1.4 300.0 10.0 200.0 15.0 50.0 25.0 -50 to +150 units V V V A A V A A pF C/W C
Storage and Operation Junction Temperature
Note: 1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient and from Junction to Lead at 0.375"lead length, P.C. Board Mounted * JEDEC Registered value
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N5399-E
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5399-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X