Part Number Hot Search : 
SC3BJ4F 3L02A 203DH ADY11 CS200 GM194A 0324S09 SXXBR71
Product Description
Full Text Search
 

To Download 1N5395G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5A Glass Passivated Rectifiers 1N5391G - 1N5399G
1.5A Glass Passivated Rectifiers
Features
* * * * * Glass passivated chip junction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension * RoHS compliance
DO-15
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: DO-15 molded plastic body Plastic package has UL flammability classification 94V-0 Plated axial leads, solderable per MIL-STD-202E, Method 208C Color band denotes cathode end 0.015 ounces, 0.4 gram
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 1N5391G 50 35 50 1N5392G 100 70 100 1N5393G 200 140 200 1N5395G 400 280 400 1.5 1N5397G 600 420 600 1N5398G 800 560 800 1N5399G 1000 700 1000 Unit V V V A 0.375"(9.5mm) lead length at TA=75 C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IF=1.5 A Conditions
VRRM VRMS VDC IF(AV)
IFSM
Peak Forward Surge Current
50
A
VF
Maximum Instantaneous Forward Voltage
1.1
V
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2008-04-24 Page 1 of 4
1.5A Glass Passivated Rectifiers 1N5391G - 1N5399G
Symbol Description Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Typical Thermal Resistance Operating Junction and Storage Temperature Range 1N5391G 1N5392G 1N5393G 1N5395G 5.0 A 50 20 50 -55 to +150 pF C/W C TA=125 C VR=4V, f=1MHz Note 1N5397G 1N5398G 1N5399G Unit Conditions TA=25 C
IR CJ
RthJA
TJ, TSTG
Note: Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length, P.C. board mounted.
Typical Characteristics Curves
Fig.1-Typical Forward Current Dearting Curve Average Forward Rectified Current (A) Peak Forward Surge Current (A)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
Ambient Temperature (C)
Number of Cycles at 60Hz
Rev. A/AH 2008-01-11 www.taitroncomponents.com Page 2 of 4
1.5A Glass Passivated Rectifiers 1N5391G - 1N5399G
Fig.3- Typical Forward Characteristics
Instantaneous Forward Current (A)
Fig.4-Typical Reverse Leakage Characteristics Instantaneous Reverse Current (A)
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/AH 2008-01-11 www.taitroncomponents.com Page 3 of 4
1.5A Glass Passivated Rectifiers 1N5391G - 1N5399G
Dimensions in inches (mm)
DO-15
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2008-01-11 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 1N5395G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X