Part Number Hot Search : 
HG106C PE6045 STV6434D 4ACT1 QF50AA60 50N06 C4424 HPR106V
Product Description
Full Text Search
 

To Download 1N5391G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391G THRU 1N5399G
GENERAL PURPOSE GLASS PASSIVATED JUNCTION RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 1.5A
FEATURE
Molded case feature for auto insertion Glass Passivated junction High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C/10sec/0.375"lead length at 5 lbs tension
DO-15\DO-204AC
MECHANICAL DATA
Terminal:Plated axial leads solderable per MIL-STD 202E, method 208C Case:Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity:color band denotes cathode Mounting position:any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL * * * * * * * 1N53 91G 50 35 50 1N53 92G 100 70 100 1N53 93G 200 140 200 1N53 94G 300 210 300 1N53 95G 400 280 400 1.5 50.0 1.4 10.0 200.0 15.0 50.0 -50 to +150 1N53 96G 500 350 500 1N53 97G 600 420 600 1N53 98G 800 560 800 1N53 99G 1000 700 1000 units V V V A A V A A pF C/W C
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =25C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at 1.5A Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Storage and Operation Junction Temperature
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Cj R(ja) Tstg
*
Note: 1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.375"lead length, P.C. Board Mounted * JEDEC Registered value Rev.A1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N5391G THRU 1N5399G
1
1
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5391G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X