Part Number Hot Search : 
ACT9CSV MM5Z15B PC2508 LZ24BP LTC40 OBP02037 20H100 2KFKE
Product Description
Full Text Search
 

To Download 1N4942 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4942 THRU 1N4948
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 1.0A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C/10sec/0.375"lead length at 5 lbs tension Fast switching for high efficiency
DO-41\DO-204AL
MECHANICAL DATA
Terminal:Plated axial leads solderable per MIL-STD 202E, method 208C Case:Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity:color band denotes cathode Mounting position:any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
*
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =75C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj R(ja) Tstg,Tj
1N 4942 200 140 200
1N 4944 400 280 400
1N 4946 600 420 600 1.0 25.0 1.3 5.0
1N 4947 800 560 800
1N 4948 1000 700 1000
units V V V A A V A
150
250 15.0 50.0 -50 to +150
500
nS pF C/W C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 1 3. Thermal Resistance from Junction to Ambient at 0.375"lead length, P.C. Board Mounted
1
Rev.A4
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N4942 THRU 1N4948
2
2
Rev.A4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N4942

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X