Part Number Hot Search : 
RS401 J110C RF530N R3003 BSS84DW1 MMBT918 CPU144C BFXXXX
Product Description
Full Text Search
 

To Download 1N4255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N3643 thru 1N3647 1N4254 thru 1n4257 1N5181 thru 1N5184
SCOTTSDALE DIVISION
VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
DESCRIPTION
These "standard recovery" high voltage rectifier diode series are military qualified to MIL-PRF-19500/279 for the 1N3644 thru 1N3647. Others such as the 1N5181 thru 1N5184 meet or exceed requirements of MIL-PRF-19500/389. They are ideal for high-reliability where a failure cannot be tolerated for high voltage applications. These 0.10 and 0.25 Amp rated rectifiers at 55C for working peak reverse voltages from 1000 to 10,000 volts are hermetically sealed with voidless-glass construction using an internal "Category I" metallurgical bond. Surface mount MELF package configurations are also available by adding "SM" suffix. Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including fast and ultrafast device types in both through-hole and surface mount packages.
APPEARANCE
WWW .Microsemi .C OM
S Package IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
FEATURES
* * * * * * * * * * JEDEC registered 1N3643 thru 1N3647, 1N4254 thru 1N4257, and 1N5181 thru 1N5187 series Voidless Hermetically Sealed Glass Package Triple Layer Passivation Internal "Category I" Metallurgical bonds Lowest Reverse Leakage Available Lowest Thermal Resistance Available Absolute High Voltage / High Temperature Stability 1N5181 thru 1N5184 meet or exceed requirements of MIL-S-19500/389 1N3644 thru 1N3647 JAN, JANTX types available per MIL-S19500/279 Surface mount equivalents also available in a square end-cap MELF configuration with "SM" suffix * * *
APPLICATIONS / BENEFITS
High voltage standard recovery rectifiers 1000 to 10,000 V Military and other high-reliability applications Applications include bridges, half-bridges, catch diodes, voltage multipliers, X-ray machines,
power supplies, transmitters, and radar equipment
* * * * High forward surge current capability Extremely robust construction Low thermal resistance Inherently radiation hard as described in Microsemi MicroNote 050
MAXIMUM RATINGS
* * * Junction & Storage Temperature: -65oC to +175oC Thermal Resistance: 38oC/W junction to lead at 3/8 inch (10 mm) lead length from body Average Rectified Forward Current (IO): 1N3643 thru 1N3647: 0.250 Amps @ TA = 55C 0.150 Amps @ TA = 100C 1N4254 thru 1N4257: 0.250 Amps @ TA = 55C 0.150 Amps @ TA = 100C 1N5181 thru 1N5184: 0.100 Amps @ TA = 55C 0.060 Amps @ TA = 100C Forward Surge Current: See Electrical Characteristics for surge at 8.3 ms half-sine wave Solder Temperatures: 260C for 10 s (maximum) * * * * * * *
MECHANICAL AND PACKAGING
CASE: Hermetically sealed voidless hard glass with Tungsten slugs TERMINATIONS: Axial leads are copper with Tin/Lead (Sn/Pb) finish MARKING: Body paint and part number, etc. POLARITY: Cathode band TAPE & REEL option: Standard per EIA-296 WEIGHT: 400 mg (approx) See package dimensions on last page
1N3643 thru 1N3647 1N4254 thru 1n4257 1N5181 thru 1N5184
* *
Copyright (c) 2005 5-13-2005 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N3643 thru 1N3647 1N4254 thru 1n4257 1N5181 thru 1N5184
SCOTTSDALE DIVISION
VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
ELECTRICAL CHARACTERISTICS
WORKING PEAK REVERSE VOLTAGE VRWM VOLTS 1000 1500 2000 2500 3000 1500 2000 2500 3000 4000 5000 7500 10,000 AVERAGE RECTIFIED CURRENT IO mA 55 C 250 250 250 250 250 250 250 250 250 100 100 100 100
o o
WWW .Microsemi .C OM
TYPE
MAXIMUM FORWARD VOLTAGE VF (See Notes 1 & 2) VOLTS 5.0 5.0 5.0 5.0 5.0 3.5 3.5 3.5 3.5 10 10 10 10 (1) (1) (1) (1) (1) (2) (2) (2) (2) (2) (2) (2) (2) 25 C 5 5 5 5 5 1 1 1 1 o o
REVERSE CURRENT (MAX.) IR @ VRWM A 55 C 5 5 5 5 125 C 20 20 20 20 o o
MAXIMUM SURGE CURRENT @ 8.3 ms AMPS 175 C 1000 1000 1000 1000 14 14 14 14 14 10 10 10 10 4 4 4 4
1N3643 JAN1N3644 JAN1N3645 JAN1N3646 JAN1N3647 1N4254 1N4255 1N4256 1N4257 1N5181 1N5182 1N5183 1N5184
100 C 150 150 150 150 150 150 150 150 150 60 60 60 60
NOTE 1: VF @ 250mA NOTE 2: VF @ 100mA SYMBOLS & DEFINITIONS Definition
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current. Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature range. Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current. Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and temperature.
Symbol
VBR VRWM VF IR
GRAPHS
1N3643 thru 1N3647 1N4254 thru 1n4257 1N5181 thru 1N5184
FIGURE 1 1N3643-47 and 1N4254-57
FIGURE 2 1N5181-84
Copyright (c) 2005 5-13-2005 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N3643 thru 1N3647 1N4254 thru 1n4257 1N5181 thru 1N5184
SCOTTSDALE DIVISION
VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
PACKAGE DIMENSIONS
WWW .Microsemi .C OM
NOTE: Lead tolerance is +0.003/-0.001 inches
1N3643 thru 1N3647 1N4254 thru 1n4257 1N5181 thru 1N5184
Copyright (c) 2005 5-13-2005 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of 1N4255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X