Part Number Hot Search : 
ZE002 FSP2160 APT6030 21241 PA12M 05SH3 SKY77 C1741A
Product Description
Full Text Search
 

To Download 1N4148WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148WS
SILICON EPITAXIAL PLANAR SMALL SIGNAL DIODE
Features * SOD-323 package * Fast switching * These diodes are also available in other case style including the DO-35 case with the type designation 1N4148, the MiniMELF case with the type designation LL4148 and the MicroMELF case with the type designation MCL4148.
PINNING PIN 1 2
1
DESCRIPTION Cathode Anode
2
W2
Top View Marking Code: "W2" Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Reverse Voltage Reverse Voltage Average Rectified Current Half Wave Rectification with Resistive Load f 50 Hz Surge Forward Current (t < 1 s, Tj = 25 OC) Power Dissipation Thermal Resistance from Junction to Ambient Air Junction Temperature Storage Temperature Range Electrical Characteristics (Ta = 25 OC) Parameter Forward Voltage at IF = 10 mA Reverse Current at VR = 20 V at VR = 75 V at VR = 20 V, TJ = 150 OC Capacitance at VF = VR = 0 V Reverse Recovery Time from IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Voltage Rise when Switching On (tested with 50 mA Pulses tp = 0.1 s, Rise Time < 30 ns, fp = 5 to 100 KHz) Rectification Efficiency at f = 100 MHz, VRF = 2 V
Symbol VRM VR IF(AV) IFSM Ptot RJA Tj Tstg
Value 100 75 150 350 200 625 150 - 65 to + 150
Unit V V mA mA mW
O
C/W
O
C C
O
Symbol VF
Min. 0.45
Max. 1 25 5 50 4 4 2.5 -
Unit V nA A A pF ns V -
IR
Ctot trr Vfr v
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009
1N4148WS
Forward characteristics 10
3
Dynamic forward resistance vs. forward current 10
4 5
10
2
10
2 3 5
Tj=25 C f=1kHz
I F (mA)
10 1 10-2 10
-1
Tj=100 C
Tj=25 C
rF (
0 1 2
10
2 2 5
)
2
10
5 2
1 10-2
VF (V)
10-1
1
10
102
IF (mA)
Reverse capacitance vs. reverse voltage
Amissible repetitive peak forward current vs. pulse duration
1.1 Tj=25 C f=1MHz
100
5 4 3 2
1.0
Ctot (VR) Ctot (0 V)
10
I FRM (A)
0.9
5 4 3 2
V=0 0.1 0.2 0.5
0.8
1
5 4 3 2
0.7 0 2 4 6 8 10
0.1 10-5
2
5
10
-4 2
5
10
-3 2
5
10-2
2
5
10
-1 2
5
1
2
5
10
VR (V)
tp (s)
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009
1N4148WS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-323
A c
HE D A
E
bp
UNIT mm
A 1.10 0.80
bp 0.40 0.25
C 0.15 0.00
D 1.80 1.60
E 1.35 1.15
HE 2.80 2.30
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009
1N4148WS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-323
Q A A1 c Lp HE D A
E
b
UNIT mm
A 1.10 0.80
A1 0.1 0
bp 0.40 0.25
C 0.15 0.00
D 1.80 1.60
E 1.35 1.15
HE 2.80 2.30
Lp 0.50 0.10
Q 0.15 REF.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009


▲Up To Search▲   

 
Price & Availability of 1N4148WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X