|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0053 General Information Part Number: 76650-0053 Manufacturer: Title: Description: Product Family: Certificates: Molex / Waldom Deluxe Solderless Term Kit Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal .187" and .250 " Fully Insulated Female Quick Disconnect with Universal Crimp tool Terminals (Molex Parts within this kit) - EU RoHS Compliant Country of Origin: Kit assembled in U.S.A. Specifications Design Configuration: Connector Type: Tab Sizes: Stud Sizes: Insulation: Wire size: Product Highlights Quick disconnects allow for quickly connecting or disconnecting a terminal. The front end of the terminal has a female-type receptacle which allows the terminal to slide onto and off of a male blade. Flags are a type of product that are used when there is a space constraint, and a regular straight Quick Disconnect is too large. Piggyback Quick Disconnects can be used when multiple connections (also called piggyback) are required and there are a limited number of male tabs. The piggyback actually allows another QD to be connected to its tab and then the piggyback is connected to a tab. Spades have the open tongue end used for rapid insertion on the mounting screw. The spade is usually used on free standing studs. The Snap plug is a round bullet-like terminal that plugs or "snaps" into the female receptacle. Snaps are used in a variety of applications where a "quick disconnect" connection is needed, but there is not enough space for a normal QD coupler. Like a coupler set, the male and female pieces can be connected and disconnected many times. Closed-end connectors are used in a variety of situations to "pigtail" or tie together 2 or more wires. Butt Splices allow two stripped wires to be inserted into each end and "butt" in the center, with the crimp securing both wires together. The Step Down Butt Splice is the perfect solution when 2 wires need to be inserted in one end of a splice and a single wire in the other end. (Wire-to-Wire) and (Wire-to-Board) / Solderless Terminals Solderless Terminals .187" and .250" 5-6 (M3-3.5) Nylon and PVC (22-18), (16-14) and (12-10) AWG For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com Page 1 of 3 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0053 Features and Benefits * Color-coded insulator allows easy identification of terminal size and wire gauge. * The Step Down Butt Splice is the perfect solution when 2 wires need to be spliced to a single wire * Avikrimp provides a metal insulation support sleeve for superior strain relief * The color-coded Nylon insulating sleeve extends beyond the metal support sleeve * Terminal's funnel entrance is designed for increased crimping rates by speeding wire delivery into the crimp section and eliminating wire strand fold back. * A wire stop stamped into the crimp barrel prevents insertion of over-stripped wires. Bill of Materials for Part No. 76650-0053 Country Molex Part No. of Origin 19002-0001 19002-0005 19002-0024 19002-0028 19003-0001 19003-0011 19003-0040 19006-0001 19006-0005 19006-0011 19007-0001 19007-0021 19007-0029 USA USA USA USA USA USA USA USA USA USA USA USA USA Description Fully Insulated Female Quick Disconnect Stnd. Flare Tab, 2218 AWG, .250", Red Fully Insulated Female Quick Disconnect Stnd. Flare Tab, 2218 AWG, .187", Red Fully Insulated Female Quick Disconnect Stnd. Flare Tab, 2218 AWG, .250", Blue Fully Insulated Female Quick Disconnect Stnd. Flare Tab, 2218 AWG, .187", Blue Fully Insulated Female Quick Disconnect Stnd. Flare Tab, 2218 AWG, .250", Pink Fully Insulated Female Quick Disconnect, 22-18 AWG, .187", Pink Fully Insulated Female Quick Disconnect Stnd. Flare Tab, 2218 AWG, .250", Light Blue Fully Insulated Female Quick Disconnect Flag Terminal, 2218 AWG, .250", Red Fully Insulated Female Quick Disconnect Flag Tab, 22-18 AWG, .187", Red Fully Insulated Female Quick Disconnect Flag Tab, 22-18 AWG, .250", Blue Fully Insulated Female Quick Disconnect Flag Terminal, 2218 AWG, .250", Pink Fully Insulated Female Quick Disconnect Flag Stnd. Flare Tab, 16-14 AWG, .250", Light Blue Fully Insulated Female Quick Disconnect Flag Stnd. Flare Tab, 16-14 AWG, .187", Light Blue Quantity in Kit 25 25 25 25 25 25 25 25 25 25 25 25 25 Applications * MRO (Maintenance Repair and Operations) * Consumer applications * Power applications * Motor applications * Powertrains * Transportation * Construction / Mining * Energy / Power * Production Equipment * Instrumentation * Environmental Equipment and Controls * Blower Motors For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com Page 2 of 3 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0053 Bill of Materials for Part No. 76650-0053 continued Country Molex Part No. of Origin 19007-0040 19013-0025 19019-0001 19019-0006 19019-0031 19606-0002 19154-0004 19154-0022 19160-0009 19198-0016 19198-0070 19294-0003 Description Fully Insulated Female Quick Disconnect Flag Terminal, 1210 AWG, .250", Yellow USA Insulated Female Quick Disconnect Pig Back Stnd. Flare Tab, Taiwan 22-18 AWG, .250", Pink Insulated Female Quick Disconnect Nylon Tab, 22-18 AWG, USA .110", Dark Pink Insulated Female Quick Disconnect Terminal, 22-18 AWG, USA .187", Dark Pink Insulated Female Quick Disconnect Nylon Tab, 16-14 AWG, USA .250", Light Blue Insulated Female Quick Disconnect Terminal, 12-10 AWG, .250", Yellow USA USA India USA USA USA USA PVC Ins. Butt Splice Connector, 22-18 AWG, Dark Pink Ins. Step-down Butt Connector, 22-14 AWG, Blue Nylon Ins. Closed-end Connector, 22-12 AWG, Clear Ins. Spade Tongue Terminal, 16-14 AWG, 5-6 (M3-3.5) stud size, Light Blue Ins. Spade Tongue Terminal, 22-18 AWG, 5-6 (M3-3.5) stud size, Dark Pink Molex Universal Crimp Tool-Bolt Cutter/Wire Stripper/Wire Cutter, 22-10 AWG, Blue handles Quantity in Kit 25 25 25 25 25 25 25 25 25 25 25 1 Recommended Molex Tool(s) for Part No. 76650-0053* Country Molex Part No. of Origin Description USA Hand Crimp Tool (RHT-1990) 64001-0100 * USA Hand Crimp Tool (RHT-1991) 64001-0200 * USA Hand Crimp Tool (RHT-1993) 64001-0300 * Hand Crimp Tool (RHT-1994) USA 64001-0400 * USA Hand Crimp Tool (RHT-5757-CC) 64001-0700 * USA Hand Crimp Tool (RHT-5760) 64001-0800 * USA Hand Crimp Tool (RHT-7050) 64001-0900 * USA Hand Crimp Tool (RHT-5758-CC) 64001-1000 * USA Hand Crimp Tool (RHT-5762) 64001-1100 * USA Hand Crimp Tool (RHT-2050) 64001-1200 * USA Hand Crimp Tool (RHT-2100) 64001-1400 * USA Hand Crimp Tool (RHT-5757) 64001-1700 * USA Hand Crimp Tool (RHT-5758) 64001-2000 * USA Hand Crimp Tool T0102 Series 64001-2800 * USA Hand Crimp Tool (RHT-FIFG) 64001-4100 * USA Hand Crimp Tool (RHT-AFIFG) 64001-4300 * *Tool(s) not included in kit. Tool(s) ordered separately. For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com Page 3 of 3 |
Price & Availability of 19006-0005 |