Part Number Hot Search : 
20112 2Z3UM EV8500 2SK3149 FDS6930 TUF206 KMD20S MIC184
Product Description
Full Text Search
 

To Download ZFSC-2-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Splitter/Combiner
2 Way-0
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -55C to 100C -55C to 100C 1W max.* 0.125W max.
Coaxial
ZFSC-2-6+ ZFSC-2-6
BNC version shown
50
0.002 to 60 MHz
Features
* low insertion loss, 0.3 dB typ. * excellent isolation, 30 dB typ. * excellent amplitude unbalance, 0.1 dB typ. * excellent phase unbalance, 0.2 deg. typ. * rugged shielded case
CASE STYLE: K18 Connectors Model Price BNC ZFSC-2-6(+) $49.95 SMA ZFSC-2-6-S+ $54.95 N-TYPE ZFSC-2-6-N(+) $54.95 BRACKET (OPTION "B") $2.50 Qty. (1-9) (1-9) (1-9) (1+)
* At low range frequency band (fL to 10 fL), linearly derate maximum input power by 13 dB typ.
Applications
Coaxial Connections
SUM PORT PORT 1 PORT 2 3 1 2
* HF * ham radio * defense communications
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Electrical Specifications
FREQ. RANGE (MHz)
L fL-fU 0.002-60 Typ. Min. 27 20
ISOLATION** (dB)
M Typ. Min. 30 20 U Typ. Min. 27 20
INSERTION LOSS (dB) ABOVE 3.0 dB
L Typ. Max. 0.3 0.6 M Typ. Max. 0.3 0.6 U Typ. Max. 0.6 1.0
Outline Drawing
PHASE UNBALANCE (Degrees)
L Max. 2 M Max. 3 U Max. 4
AMPLITUDE UNBALANCE (dB)
L Max. 0.15 M Max. 0.20 U Max. 0.30
L = low range [fL to 10 fL] M = mid range [10 fL to fU/2] ** Isolation specified to 0.006 MHz
U= upper range [fU/2 to fU]
Typical Performance Data
Frequency (MHz) Insertion Loss (dB) S-1
0.002 0.02 0.51 2.00 5.00 8.00 11.00 15.00 19.00 26.00 36.00 42.00 48.00 54.00 60.00 3.16 3.10 3.11 3.13 3.18 3.22 3.25 3.29 3.33 3.38 3.46 3.52 3.57 3.63 3.70
Amplitude Unbalance (dB)
0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.01 0.01 0.02 0.02 0.03
Isolation (dB)
Phase Unbalance (deg.)
0.10 0.05 0.06 0.06 0.06 0.05 0.05 0.05 0.04 0.04 0.06 0.08 0.12 0.16 0.22
VSWR S
VSWR 1
VSWR 2
S-2
3.17 3.10 3.11 3.13 3.18 3.22 3.25 3.29 3.33 3.38 3.46 3.50 3.55 3.61 3.66 30.24 37.52 37.86 37.35 35.22 33.04 31.28 29.45 28.06 26.35 24.95 24.54 24.37 24.36 24.35 1.14 1.10 1.10 1.10 1.12 1.13 1.14 1.15 1.16 1.16 1.16 1.15 1.13 1.12 1.12
ZFSC-2-6 ISOLATION 50
1.20 1.04 1.03 1.03 1.02 1.01 1.01 1.01 1.02 1.05 1.09 1.11 1.15 1.18 1.22
1.20 1.04 1.03 1.03 1.02 1.01 1.01 1.01 1.02 1.05 1.09 1.12 1.15 1.19 1.23
Outline Dimensions (
A 1.25 31.75 J --B 1.25 31.75 K --C .75 19.05 L .125 3.18 D .63 16.00 M 1.688 42.88 E .38 9.65 N 2.18 55.37
inch mm
)
H 1.000 25.40
F 1.00 25.40 P .75 19.05
G .125 3.18
Q wt .07 grams 1.78 70.0
4.0 INSERTION LOSS (dB)
For option B with N-type connectors, dimension "C" increases to 0.94 inches.
ZFSC-2-6 INSERTION LOSS
S-1(dB) S-2(dB)
ISOLATION (dB) 0 10 20 30 40 50 60
3.8 3.6 3.4 3.2 3.0
FREQUENCY (MHz)
40
30
20 0 10 20 30 40 50 60
FREQUENCY (MHz)
1.30 1.25 1.20 VSWR 1.15 1.10 1.05 1.00 0 10 20
#S-VSWR
ZFSC-2-6 VSWR
#1-VSWR #2-VSWR
electrical schematic
30
40
50
60
FREQUENCY (MHz)
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
REV. B M120055 ZFSC-2-6 HY/TD/CP/AM 090112
IF/RF MICROWAVE COMPONENTS


▲Up To Search▲   

 
Price & Availability of ZFSC-2-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X