Part Number Hot Search : 
AP300 P2100SC 00ESS1 MAX6310 AX674AJN PIC18F8 PIC18F8 SR295
Product Description
Full Text Search
 

To Download ZFSC-2-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coaxial
Power Splitter/Combiner
2 Way-0
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -55C to 100C -55C to 100C 1W max. 0.125W max.
ZFSC-2-2+
BNC version shown
50
10 to 1000 MHz
Features
* wideband, 10 to 1000 MHz * low insertion loss, 0.4 dB typ. * excellent isolation, 28 dB typ. * excellent amplitude unbalance, 0.1 dB typ. * excellent phase unbalance, 0.5 deg. typ. * very good return loss, VSWR, 1.2:1 typ. * rugged shielded case CASE STYLE: K18 Connectors Model Price BNC ZFSC-2-2+ $51.95 SMA ZFSC-2-2-S+ $56.95 N-TYPE ZFSC-2-2-N+ $56.95 BRACKET (OPTION "B") $2.50 Qty. (1-9) (1-9) (1-9) (1+)
Coaxial Connections
SUM PORT PORT 1 PORT 2 3 1 2
Applications
* cellular * VHF/UHF * instrumentation FREQ. RANGE (MHz) ISOLATION (dB)
L fL-fU 10-1000 Typ. Min. 30 20 M Typ. Min. 25 20 U Typ. Min. 23 18
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Electrical Specifications
INSERTION LOSS (dB) ABOVE 3.0 dB
L Typ. Max. 0.2 0.5 M Typ. Max. 0.5 1.0 U Typ. Max. 0.9 1.2
PHASE UNBALANCE (Degrees)
L Max. 2 M Max. 4 U Max. 4
AMPLITUDE UNBALANCE (dB)
L Max. 0.15 M Max. 0.15 U Max. 0.30
Outline Drawing
L = low range [fL to 10 fL]
M = mid range [10 fL to fU/2]
U= upper range [fU/2 to fU]
Typical Performance Data
Frequency (MHz) Insertion Loss (dB) S-1
10.00 19.00 37.00 55.00 82.00 130.00 220.00 310.00 420.00 500.00 3.15 3.14 3.13 3.16 3.16 3.18 3.25 3.29 3.30 3.37 3.45 3.47 3.50 3.59 3.63
Amplitude Unbalance (dB)
0.01 0.00 0.01 0.01 0.01 0.01 0.03 0.02 0.04 0.01 0.00 0.03 0.04 0.08 0.08
Isolation (dB)
Phase Unbalance (deg.)
0.03 0.01 0.03 0.06 0.00 0.00 0.03 0.15 0.22 0.37 0.31 0.87 0.87 0.52 0.51
VSWR S
VSWR 1
VSWR 2
S-2
3.14 3.15 3.14 3.15 3.17 3.19 3.28 3.31 3.34 3.38 3.45 3.50 3.54 3.68 3.71 26.42 26.49 26.85 29.63 34.12 45.87 39.11 32.63 28.93 27.48 26.48 28.28 31.36 34.52 45.49 1.08 1.08 1.08 1.09 1.09 1.11 1.15 1.19 1.24 1.27 1.29 1.26 1.23 1.20 1.15
ZFSC-2-2+ ISOLATION 50
1.15 1.15 1.15 1.13 1.11 1.11 1.13 1.15 1.18 1.20 1.23 1.24 1.24 1.24 1.23
1.15 1.15 1.15 1.13 1.11 1.11 1.13 1.16 1.19 1.22 1.25 1.27 1.28 1.28 1.28
Outline Dimensions ( inch) mm
A 1.25 31.75 J --B 1.25 31.75 K --C .75 19.05 L .125 3.18 D .63 16.00 M 1.688 42.88 E .38 9.65 N 2.18 55.37 F 1.00 25.40 P .75 19.05 G .125 3.18 H 1.000 25.40
660.00 820.00 900.00 940.00 1000.00
Q wt .07 grams 1.78 70.0
4.0 INSERTION LOSS (dB) 3.8 3.6 3.4 3.2 3.0 0 200
ZFSC-2-2+ INSERTION LOSS S-1(dB) S-2(dB)
ISOLATION (dB)
For option B with N-type connectors, dimension "C" increases to 0.94 inches.
45 40 35 30 25 20
400
600
800
1000
0
200
400
600
800
1000
FREQUENCY (MHz)
FREQUENCY (MHz)
1.5 #S-VSWR 1.4 VSWR 1.3 1.2 1.1 1.0 0 200
ZFSC-2-2+ VSWR #1-VSWR #2-VSWR
electrical schematic
400
600
800
1000
EW ALL N
FREQUENCY (MHz)
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
minicircuits.com
REV. C M113397 ZFSC-2-2+ HY/TD/CP/AM 080205
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com


▲Up To Search▲   

 
Price & Availability of ZFSC-2-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X