Part Number Hot Search : 
2SC2650 SGB15N PEX8508 BYV27150 47709 TX0147A 74HC14 XC4000
Product Description
Full Text Search
 

To Download ZFSC-2-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coaxial
Power Splitter/Combiner
2 Way-0
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -55C to 100C -55C to 100C 1W max. 0.125W max.
ZFSC-2-1W+
50
1 to 750 MHz
Features
* low insertion loss, 0.4 dB typ. * high isolation, 28 dB typ. * excellent amplitude unbalance, 0.1 dB typ. * excellent phase unbalance, 0.5 deg. typ. * very good return loss, VSWR, 1.15:1 typ. * rugged shielded case
BNC version shown CASE STYLE: K18 Connectors Model Price BNC ZFSC-2-1W+ $48.95 SMA ZFSC-2-1W-S+ $53.95 N-TYPE ZFSC-2-1W-N+ $53.95 BRACKET (OPTION "B") $2.50
Qty. (1-9) (1-9) (1-9) (1+)
Coaxial Connections
SUM PORT PORT 1 PORT 2 3 1 2
Applications
* VHF/UHF * federal & defense communication
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Electrical Specifications
FREQ. RANGE (MHz)
fL-fU 1-750
ISOLATION (dB)
INSERTION LOSS (dB) ABOVE 3.0 dB
Outline Drawing
PHASE UNBALANCE (Degrees)
L Max. 2 M Max. 4 U Max. 4
AMPLITUDE UNBALANCE (dB)
L Max. 0.15 M Max. 0.15 U Max. 0.30
L M U L M U Typ. Min. Typ. Min. Typ. Min. Typ. Max. Typ. Max. Typ. Max. 30 20 28 20 25 20 0.2 0.5 0.4 0.8 0.8 1.0
L = low range [fL to 10 fL]
M = mid range [10 fL to fU/2]
U= upper range [fU/2 to fU]
Typical Performance Data
Frequency (MHz) Insertion Loss (dB) S-1
1.00 5.00 10.00 68.00 97.00 184.00 271.00 380.00 395.00 460.00 3.27 3.17 3.16 3.19 3.23 3.28 3.33 3.38 3.30 3.39 3.41 3.49 3.55 3.65 3.67
Amplitude Unbalance (dB)
0.00 0.01 0.00 0.01 0.00 0.01 0.02 0.03 0.02 0.03 0.05 0.06 0.07 0.07 0.07
Isolation (dB)
Phase Unbalance (deg.)
0.01 0.02 0.14 0.07 0.09 0.09 0.20 0.24 0.21 0.22 0.31 0.36 0.48 0.59 0.58
VSWR S
VSWR 1
VSWR 2
S-2
3.27 3.16 3.16 3.19 3.23 3.28 3.31 3.35 3.28 3.36 3.36 3.43 3.48 3.58 3.61 31.01 38.19 38.65 26.38 25.75 25.18 24.97 24.99 24.95 25.18 25.42 25.07 23.78 23.32 22.79 1.10 1.08 1.08 1.12 1.13 1.16 1.17 1.18 1.20 1.16 1.13 1.09 1.09 1.09 1.07
ZFSC-2-1W+ ISOLATION 40
1.22 1.17 1.16 1.14 1.15 1.16 1.16 1.18 1.20 1.18 1.16 1.13 1.12 1.14 1.13
1.21 1.16 1.16 1.14 1.15 1.15 1.16 1.17 1.19 1.17 1.14 1.11 1.11 1.12 1.11
Outline Dimensions ( inch) mm
A 1.25 31.75 J --B 1.25 31.75 K --C .75 19.05 L .125 3.18 D .63 16.00 M 1.688 42.88 E .38 9.65 N 2.18 55.37 F 1.00 25.40 P .75 19.05 G .125 3.18 H 1.000 25.40
Q wt .07 grams 1.78 70.0
4.0 INSERTION LOSS (dB)
550.00 640.00 710.00 730.00 750.00
ZFSC-2-1W+ INSERTION LOSS S-1 3.8 3.6 3.4 3.2 3.0 0 150 300 450 600 750 FREQUENCY (MHz)
ZFSC-2-1W+ VSWR 1.5 #S-VSWR 1.4 VSWR 1.3 1.2 1.1 1.0 0 150 300 450 600 750 FREQUENCY (MHz) #1-VSWR #2-VSWR
For option B with N-type connectors, dimension "C" increases to 0.94 inches.
S-2
ISOLATION (dB) 35
30
25
20 0 150 300 450 600 750 FREQUENCY (MHz)
electrical schematic
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
EW ALL N
minicircuits.com
REV. A M108294 ZFSC-2-1W+ HY/TD/CP/AM 080205
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com


▲Up To Search▲   

 
Price & Availability of ZFSC-2-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X