Part Number Hot Search : 
KBP02M PBL3853 MC74LV 15530 BDV65 18017 WRB48 BD144
Product Description
Full Text Search
 

To Download XC6201P131MR-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6201 Series
Positive Voltage Regulators
ETR0301_004
GENERAL DESCRIPTION
The XC6201 series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small dropout voltage. The XC6201 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.1V steps between 1.3V ~ 6.0V. SOT-25, SOT-89, USP-6B and TO-92 packages are available.
APPLICATIONS
Mobile Phones Cordless phones, wireless communication equipment Cameras, video recorders Portable games Portable AV equipment Reference voltage Battery powered equipment
FEATURES
Maximum Output Current Dropout Voltage Maximum Operating Voltage Output Voltage Range Fixed Voltage Accuracy Low Power Consumption Operational Temperature Range Packages : 250mA (TYP.) : 0.16V @ 100mA : 0.40V @ 200mA : 10V : 1.3V ~ 6.0V (0.1V increments) : 1% (VOUT(T)>2.0V) 2% : 2.0A (TYP.) : -40 ~ 85 : SOT-25, SOT-89 TO-92 Environmentally Friendly USP-6B : EU RoHS Compliant, Pb Free
Tantalum or Ceramic Capacitor compatible
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs. Input Voltage XC6201P332
1/24
XC6201 Series
PIN CONFIGURATION
NC VSS NC VIN NC VOUT
(SIDE VIEW)
*The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS (No.5) pin.
PIN ASSIGNMENT
PIN NUMBER SOT-25 5 2 1 3, 4 SOT-89/TO-92 (T) 1 2 3 USP-6B 3 5 1 2,4,6 PIN NAME VOUT VSS VIN NC FUNCTION Output Ground Power Input No Connection
PRODUCT CLASSIFICATION
Ordering Information
X C 6 2 0 1 P -(*1)
DESIGNATOR DESCRIPTION Product Number Type of Regulator Output Voltage Output Voltage Accuracy SYMBOL 01 P 1360 1 2 MR MR-G PR PR-G - Packages Taping Type (*2) TH TH-G TB TB-G DR DR-G 3-pin regulator e.g. 30:3.0V 50:5.0V 1% 2% SOT-25 SOT-25 SOT-89 SOT-89 TO-92 Taping Type: Paper type TO-92 Taping Type: Paper type TO-92 Taping Type: Bag TO-92 Taping Type: Bag USP-6B USP-6B DESCRIPTION
* +1% accuracy can be set at VOUT(T) > 2.0V.
(*1) (*2)
The "-G" suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant. The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or representative. (Standard orientation: R-, Reverse orientation: L-)
2/24
XC6201
Series
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
PARAMETER Input Voltage Output Current Output Voltage SOT-25 SOT-89 Power Dissipation TO-92 USP-6B Operating Temperature Range Storage Temperature Range SYMBOL VIN IOUT VOUT Pd RATINGS 12.0 500 VSS-0.3VIN+0.3 250 500 300 120 -40+85 -55+125
Ta = 25 UNITS V mA V mW
Topr Tstg

ELECTRICAL CHARACTERISTICS
XC6201P132 VOUT(T)=1.3V
(*1)
Ta=25 CONDITIONS VIN=2.3V IOUT=10mA VIN=2.3V VOUT(E)1.17V VIN=2.3V 1mAIOUT30mA IOUT=30mA IOUT=60mA VIN=2.3V IOUT=10mA 2.3VVIN10.0V IOUT=40mA -40Topr85 MIN. 1.274 60 1.8 TYP. 1.300 10 200 500 2.0 0.2 100 MAX. 1.326 30 600 810 5.0 0.3 10 UNITS V mA mV mV A /V V ppm/
CIRCUIT
PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3) Supply Current Line Regulation Input Voltage Output Voltage Temperature Characteristics
SYMBOL VOUT(E)
(*2)

IOUTmax VOUT Vdif1 Vdif2 ISS VOUT VINVOUT VIN VOUT
ToprVOUT
3/24
XC6201 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6201P182 VOUT(T)=1.8V (*1) SYMBOL VOUT(E)
(*2)
Ta=25 CONDITIONS VIN=2.8V IOUT=40mA VIN=2.8V VOUT(E)1.62V VIN=2.8V 1mAIOUT40mA IOUT=40mA IOUT=80mA VIN=2.8V IOUT=40mA 2.8VVIN10.0V IOUT=40mA -40Topr85 MIN. 1.764 80 1.8 TYP. 1.800 10 200 450 2.0 0.2 100 MAX. 1.836 30 370 710 5.0 0.3 10 UNITS V mA mV mV A %/V V ppm/
CIRCUIT
PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3) Supply Current Line Regulation Input Voltage Output Voltage Temperature Characteristics

IOUTmax VOUT Vdif1 Vdif2 ISS VOUT VINVOUT VIN VOUT ToprVOUT
XC6201P272
VOUT(T)=2.7V (*1) SYMBOL VOUT(E)
(*2)
Ta=25 CONDITIONS VIN=3.7V IOUT=40mA VIN=3.7V VOUT(E)2.43V VIN=3.7V 1mAIOUT60mA IOUT=60mA IOUT=120mA VIN=3.7V IOUT=40mA 3.7VVIN10.0V IOUT=40mA -40Topr85 MIN. 2.646 100 1.8 TYP. 2.700 15 200 450 2.0 0.2 100 MAX. 2.754 40 370 710 5.0 0.3 10 UNITS V mA mV mV A /V V ppm/
CIRCUIT
PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3) Supply Current Line Regulation Input Voltage Output Voltage Temperature Characteristics

IOUTmax VOUT Vdif1 Vdif2 ISS VOUT VINVOUT VIN VOUT ToprVOUT
4/24
XC6201
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6201P332 VOUT(T)=3.3V (*1) SYMBOL VOUT(E)
(*2)
Ta=25 CONDITIONS VIN=4.3V IOUT=40mA VIN=4.3V VOUT(E)2.97V VIN=4.3V 1mAIOUT80mA IOUT=80mA IOUT=160mA VIN=4.3V IOUT=40mA 4.3VVIN10.0V IOUT=40mA -40Topr85 MIN. 3.234 150 1.8 TYP. 3.300 20 200 450 2.0 0.2 100 MAX. 3.366 50 360 700 5.0 0.3 10 UNITS V mA mV mV A /V V ppm/
CIRCUIT
PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3) Supply Current Line Regulation Input Voltage Output Voltage Temperature Characteristics

IOUTmax VOUT Vdif1 Vdif2 ISS VOUT VINVOUT VIN VOUT ToprVOUT
(*1)
XC6201P502
VOUT(T)=5.0V
Ta=25 CONDITIONS VIN=6.0V IOUT=40mA VIN=6.0V VOUT(E)4.57V VIN=6.0V 1mAIOUT100mA IOUT=100mA IOUT=200mA VIN=6.0V IOUT=40mA 6.0VVIN10.0V IOUT=40mA -40Topr85 MIN. 4.900 200 1.8 TYP. 5.000 30 160 400 2.0 0.2 100 MAX. 5.100 70 340 600 6.0 0.3 10 UNITS V mA mV mV A /V V ppm/
CIRCUIT
PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*3) Supply Current Line Regulation Input Voltage Output Voltage Temperature Characteristics
SYMBOL VOUT(E)
(*2)

IOUTmax VOUT Vdif1 Vdif2 ISS VOUT VINVOUT VIN VOUT ToprVOUT
NOTE: *1: VOUT(T) = Nominal output voltage. *2: VOUT(E) = Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided while maintaining a certain IOUT value). (*5) (*4) - VOUT1 } *3: Vdif = { VIN1 *4: VOUT1 = A voltage equal to 98% of the output voltage when a stabilized (VOUT(T) + 1.0V) is input. *5: VIN1 = The input voltage at the time VOUT1 is output input voltage has been gradually reduced.
5/24
XC6201 Series
TYPICAL APPLICATION CIRCUIT
(Tantalum)
(Tantalum)
With the XC6201 series regulator, in order to ensure the stabilized output voltage, we suggest that an output capacitor (CL) of 1F or more be connected between the output pin (VOUT) and the VSS pin. For using low ESR capacitor (e.g. ceramic capacitors), please make sure that the output voltage is more than 1.7V. When the output voltage is from 1.3V to 1.6V, the We also suggest an input capacitor (CIN) output capacitor should be a tantalum capacitor with a capacitance of 2.2F.
should be connected between the VIN and the VSS in order to stabilize input power source.
OUTPUT VOLTAGE 1.3V1.6V 1.7V6.0V
CIN 1.0F 1.0F
CL (TANTALUM) 2.2F 1.0F
CL (LOW ESR) 1.0F
VIN=1.8V~10V,VOUT=1.7~6.0V CIN=1.0F(Ceramic),CL=1.0F(ceramic)
6/24
XC6201
Series
TEST CIRCUITS
Circuit : Supply Current
Circuit : Output Voltage, Oscillation, Line Regulation, Dropout Voltage, Load Regulation
NOTE ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. When a voltage higher than the VIN flows to the VOUT like when using two power supplies, please connect a Schottky barrier diode between the VOUT and the VIN and do not exceed the VOUT rating. 2. An oscillation may occur by the impedance between a power supply and the input of the IC. Where the impedance is 10 or more, please use an input capacitor (CIN) of at least 1F. In case of high output current, operation can be stabilized by increasing the input capacitor value. Also an oscillation may occur if the input capacitor value is smaller than the input impedance when the output capacitance (CL) is large. In such cases, operations can be stabilized by either increasing the input capacitor value or reducing the output capacitor value. 3. Please ensure that output current (IOUT) is less than Pd / (VIN - VOUT) and do not exceed the rated power dissipation value (Pd) of the package.
7/24
XC6201 Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
8/24
XC6201
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage
XC6201P132
XC6201P132
XC6201P182
XC6201P182
XC6201P272
XC6201P272
9/24
XC6201 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
XC6201P332
XC6201P332
XC6201P502
XC6201P502
10/24
XC6201
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Dropout Voltage vs. Output Current
XC6201P132 XC6201P182
XC6201P272
XC6201P332
XC6201P502
11/24
XC6201 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage
XC6201P132
XC6201P132
XC6201P182
12/24
XC6201
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage (Continued)
XC6201P332
13/24
XC6201 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature
14/24
XC6201
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) Supply Current vs. Ambient Temperature
15/24
XC6201 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Input Transient Response
XC6201P132
XC6201P182
Time (1ms/div)
Time (1ms/div)
XC6201P272
XC6201P332
Time (1ms/div)
Time (1ms/div)
XC6201P502
Time (1ms/div)
16/24
XC6201
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Load Transient Response
XC6201P132 XC6201P182
Time (2ms/div)
Time (2ms/div)
XC6201P272
XC6201P332
Time (2ms/div)
Time (2ms/div)
XC6201P502
Time (2ms/div)
17/24
XC6201 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Ripple Rejection Rate
XC6201P132 XC6201P182
XC6201P272
XC6201P332
XC6201P502 XC6201P502
(10) Output Noise Density
XC6201P302
18/24
XC6201
Series
PACKAGING INFORMATION
SOT-25
Unit : mm
2.90.2 +0.1 0.4 -0.05
5
4
00.1 1.6 +0.2 -0.1 2.80.2
1
(0.95)
2
3
0.15 +0.1 -0.05
1.90.2
SOT-89
1.10.1
1.3MAX
Unit : mm
0.2MIN
19/24
XC6201 Series
PACKAGING INFORMATION (Continued)
TO-92
Paper type
Unit : mm Unit : mm
Bag
USP-6B
Unit : mm
20/24
XC6201
Series
PACKAGING INFORMATION (Continued)
USP-6B Reference Pattern Layout USP-6B Reference Metal Mask Design
21/24
XC6201 Series
MARKING RULE
SOT-89, SOT-25
represents the product series MARK

PRODUCT SERIES XC6201Pxxxxx
1
represents type of regulator
1 2
SOT-89 (TOP VIEW)
3
MARK 5 6
VOLTAGE (V) 0.1 ~ 3.0 3.1 ~ 6.0
5

4
represents output voltage
MARK 0 1 2 3 4 5 6 7 8 9 A B C D E
OUTPUT VOLTAGE (V) 1.3 1.4 1.5 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5
MARK F H K L M N P R S T U V X Y Z
OUTPUT VOLTAGE (V) 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 5.9 6.0
1
2
SOT-25
3
(TOP VIEW)
represents assembly lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excluded)
22/24
XC6201
Series
MARKING RULE (Continued)
TO-92
represents type of regulator MARK P T represents output voltage MARK 3 5
(SIDE VIEW) (SIDE VIEW)
PRODUCT SERIES XC6201Pxxxxx XC6201Txxxxx
3 0
VOLTAGE (V) 3.3 5.0
PRODUCT SERIES XC6201Px33xx XC6201Px50xx
represents detect voltage accuracy MARK DETECT VOLTAGE ACCURACY 1 2 Within 1% Within 2%
PRODUCT SERIES XC6201Pxx1xx XC6201Pxx2xx
represents least significant digit of production year MARK 3 4 PRODUCTION YEAR 2003 2004
represents the production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excluded) Note: No character inversion used.
USP-6B
represents product series MARK 0 1 PRODUCT SERIES XC6201xxxxDx
represents type of regulator
USP-6B (TOP VIEW)
MARK P T
TYPE 3pin Regulator VIN=7V(Rated)
PRODUCT SERIES XC6201PxxxDx XC6201TxxxDx
represents output voltage MARK 3 5 3 0 VOLTAGE (V) 3.3 5.0 PRODUCT SERIES XC6201x33xDx XC6201x50xDx
represents assembly lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excluded) Note: No character inversion used.
23/24
XC6201 Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this datasheet is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. The products in this datasheet are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this datasheet within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this datasheet may be copied or reproduced without the prior permission of TOREX SEMICONDUCTOR LTD.
24/24


▲Up To Search▲   

 
Price & Availability of XC6201P131MR-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X