Part Number Hot Search : 
AN7333S NTE6241 XCF16P KSB794 AD148IV LM224D F2010 B4224
Product Description
Full Text Search
 

To Download VEJ101M1ETR080100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series: Surface Mount Type, 105C
FEATURES
*105C,2000 hours assured *Replaces RVJ Series *RoHs Compliant
SPECIFICATIONS
Item Operating Temp. Range Capacitance Tolerance Leakage Current (at 20*C) Dissipation Factor Tan at 120 Hz, 20C Performance -55C ~ + 105C 20% (120Hz, 20C)
I=0.01CV or 3iA (whichever is smaller) after 2 minutes, where C=rated capacitance in iF and V = rated working Voltage
Rated Voltage Tan (max)
6.3 0.42
10 0.32
16 0.26
25 0.18 6.3 4 8 10 3 8
35 0.14 16 2 5
50 0.12 25 5 2 35 2 4 50 2 4 Shelf Life 1000 Hrs Within 30% of initial value Less than 200% of specified value Within specified value 20 C (after storage for 1000 hours at 105C without voltage)
Low Temperature Characteristics (at 120Hz)
Rated Voltage Impedance Ratio Maximum Test Time Z(-25C) /Z(+20C) Z(-40C) /Z(+20C)
Load Life 2000 Hrs Capacitance Change Dissipation Factor Life Test Leakage Current Test Conditions 50 / 60 0.80 0.8 0.8 0.7 Within 30% of initial value Less than 200% of specified value Within specified value 20C (after rated voltage applied for 2000 hours at 105C 120 1.0 1.0 1.0 1.0 1K 1.15 1.25 1.35 1.35 10K up 1.25 1.40 1.50 1.50
VDC(V) Freq. (Hz) Ripple Current & Frequency Multilpiers Under 16 25 ~ 35 50 ~ 63 100 Standards
Satisfies Characteristic W of JIS C 5101-1, 18
DIMENSION & PERMISSIBLE RIPPLE CURRENT
VDC 6.3V (0J) Contents D x L mA 100 220 330 470 101 221 331 471
8 x 10 8 x 10 10 x 10 8 x 6.5 8 x 6.5 8 x 6.5
Ripple Current mA/rms at 120 Hz, 85C
10V (1A) D x L mA
16V (1C) 25V (1E) D x L mA D x L mA
35V (1V) D x L mA
50V (1H) D x L mA
8 x 6.5
63V (1J) D x L mA
8 x 10
100V (2A) D x L mA
8 x 10
10 22 33 47 100 220 330 470
99 160
110
99 10 x 10 160 160
110 178
8 x 10 8 x 10
178 10 x 10 178 10 x 10 324
110
8 x 10
110
8 x 6.5 8 x 10
110 178 324
8 x 10 8 x 10 10 x 10
178 10 x 10 240 324 324
324 10 x 10
178
8 x 10
178 10 x 10 324 10 x 10 324 10 x 10
10 x 10
324
178 10 x 10 324 10 x 10
324 10 x 10 324
PAD SPACING AND DIAMETER
D0.5 8 8 10 L0.5 6.58.4 100.5 100.5 A0.2 8.4 8.4 10.4 B0.2 8.4 8.4 10.4 C0.2 3.4 3.0 3.3 W 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 P0.2
D
B
0.3 max
2.3 3.1 4.7
+
LW
A
C
P
C
PART NUMBER EXAMPLE VEJ 101 M 1E TR 080 100
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB08 REV 2006.1.18


▲Up To Search▲   

 
Price & Availability of VEJ101M1ETR080100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X