Part Number Hot Search : 
CHQ0038 15800 C7D0223N IL260E IDT71V DM74S112 GT801 151M2
Product Description
Full Text Search
 

To Download UPD2415-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UPD24 Series
* SIP SSR * Single Channel Ratings of 15A and 25A @ 280 VAC * PCB Mount Package or Panel Mount quick connect terminals (F option) * SCR output for heavy industrial loads * Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
3-32 VDC
15A
UPD2415
15A
UPD2415-10
25A
UPD2425
25A
UPD2425-10
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms] Maximum Load Current [Arms](3) Transient Overvoltage [Vpk] Maximum Surge Current (16.6ms) [Apk] Maximum On-State Voltage Drop @ Rated Current [Vpk] Thermal Resistance Junction to Case [C/W] Maximum I t for fusing (8.3 msec) [A sec] Maximum Off-State Leakage Current @ Rated Voltage [mArms] Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (2) Minimum Power Factor (with Maximum Load)
UPD2415
24-280 15 600 120 1.4 1.2 60 0.1 500 0.5
UPD2415-10
24-280 15 600 120 1.4 1.2 60 0.1 500 0.5
UPD2425
24-280 25 600 120 1.4 0.7 260 0.1 500 0.5
UPD2425-10
24-280 25 600 120 1.4 0.7 260 0.1 500 0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range Must Turn On Voltage Must Turn Off Voltage Typical Input Current @ 12 VDC Nominal Input Impedance Maximum Turn-On Time [msec] Maximum Turn-Off Time [msec]
UPD2415
3-32 VDC 3.0 VDC 1.0 VDC 10 mAdc See note 4 1/2 Cycle 1/2 Cycle
UPD2415-10
3-32 VDC 3.0 VDC 1.0 VDC 10 mAdc See note 4 0.02 1/2 Cycle
UPD2425
3-32 VDC 3.0 VDC 1.0 VDC 10 mAdc See note 4 1/2 Cycle 1/2 Cycle
UPD2425-10
3-32 VDC 3.0 VDC 1.0 VDC 10 mAdc See note 4 0.02 1/2 Cycle
GENERAL SPECIFICATIONS
Description
Dielectric Strength, Input/Output/Base (50/60Hz) Minimum Insulation Resistance (@ 500 VDC) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Weight (typical)
Parameters
2500 Vrms
109 Ohm
10 pF -40 to 80C -40 to 125C 1.5 oz. (42.5g)
GENERAL NOTES
1) 2) 3) 4) All parameters at 25C and per section unless otherwise specified. Off-state dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 Heat sinking required, see following pages for derating curves. Input circuit incorporates active current limiter.
MECHANICAL SPECIFICATIONS
THERMAL DERATE INFORMATION
THERMAL DERATE INFORMATION
AGENCY APPROVALS
Rev. 031210
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of UPD2415-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X