Part Number Hot Search : 
OHN3175U BM29F040 BD414 DS2109S MAZY18 P3100SB RF3336D AP2603Y
Product Description
Full Text Search
 

To Download TIP142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
TIP142
DESCRIPTION *High DC Current Gain: hFE = 1000(Min)@ IC= 5A *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 100V(Min) *Complement to Type TIP147 APPLICATIONS *Designed for general purpose amplifier and low frequency switching applications. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current- Continuous Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
VALUE 100 100 5 10 15 0.5 125 150 -65~150
UNIT V V V A A A W
PC Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance, Junction to Case Thermal Resistance,Junction to Ambient MAX 1.0 35.7 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat)-1 VCE(sat)-2 VBE(sat) VBE(on) ICBO ICEO IEBO hFE-1 hFE-2 PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff current Collector Cutoff current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC= 30mA, IB= 0 IC= 5A ,IB= 10mA IC= 10A ,IB= 40mA IC= 10A ,IB= 40mA IC= 10A ; VCE= 4V VCB= 100V, IE= 0 VCE= 50V, IB= 0 VEB= 5V; IC= 0 IC= 5A ; VCE= 4V IC= 10A ; VCE= 4V 1000 500 MIN 100 TYP.
TIP142
MAX
UNIT V
2.0 3.0 3.5 3.0 1 2 2
V V V V mA mA mA
Switching Times td tr tstg tf Delay Time Rise Time Storage Time Fall Time VCC = 30 V, IC = 5.0 A, IB = 20 mA; Duty Cycle20% IB1 = IB2, RC & RB Varied, TJ = 25
B
0.15 0.55 2.5 2.5
s s s s
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
TIP142
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of TIP142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X