Part Number Hot Search : 
HCPL0611 00500 UPS115U M3P2184 L9348 TSOP373 16310 8P2602
Product Description
Full Text Search
 

To Download TIP105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP105/106/107
TIP105/106/107
SEMIHOW REV.A0,Oct 2007
TIP105/106/107
TIP105/106/107
Monolithic Construction With Built In Base-Emitter Shunt Resistors
- High DC Current Gain : hFE=1000 @ VCE= -4V, IC= -3A (Min.) - Collector-Emitter Sustaining Voltage - Low Collector-Emitter Saturation Voltage - Industrial Use - Complementary to TIP100/101/102
PNP Epitaxial Silicon Darlington Transistor
Equivalent Circuit
Absolute Maximum Ratings
CHARACTERISTICS Collector-Base Voltage : TIP105 : TIP106 : TIP107
Ta=25 unless otherwise noted SYMBOL VCBO RATING -60 -80 -100 -60 -80 -100 -5 -8 -15 -1 2 80 150 -65~150 UNIT V V V V V V V A A A W W TO-220 1. Base 2. Collector 3. Emitter
Collector-Emitter Voltage : TIP105 : TIP106 : TIP107 Emitter-Base Voltage Collector Current(DC) Collector Current(Pulse) Base Current Collector Dissipation(Ta=25) Collector Dissipation(Tc=25) Junction Temperature Storage Temperature
VCEO
VEBO IC ICP IB PC PC TJ TSTG
12
3
Electrical Characteristics
CHARACTERISTICS Collector-Emitter Sustaining Voltage : TIP105 : TIP106 : TIP107 Collector Cut-off Current : TIP105 : TIP106 : TIP107 Collector Cut-off Current : TIP105 : TIP106 : TIP107 Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter ON Voltage Output Capacitance
Ta=25 unless otherwise noted SYMBOL VCEO(SUS) IC=30mA, IB=0 -60 -80 -100 -50 -50 -50 -50 -50 -50 -2 1000 200 20000 -2 -2.5 -2.8 300 V V V V V V Test Condition Min Max Unit
ICEO VCE= -30V,IB=0 VCE= -40V,IB=0 VCE= -50V,IB=0 ICBO VCE= -60V,IE=0 VCE= -80V,IE=0 VCE= -100V,IE=0 IEBO hFE VCE(sat) VBE(on) Cob VEB= -5V,IC=0 VCE= -4V,IC= -3A VCE= -4V,IC= -8A IC= -3A,IB= -6mA IC= -8A,IB= -80mA VCE= -4V,IC= -8A
VCB= -10V,IE=0, f=0.1MHz
* Pulse Test: PW300us, Duty Cycle2%
SEMIHOW REV.A0,Oct 2007
TIP105/106/107
Typical Characteristics
SEMIHOW REV.A0,Oct 2007
TIP105/106/107
Package Dimension
TO-220 (A)
9.900.20
. 3
60
0
.2
0
4.500.20 1.300.20
15.700.20
2.800.20
9.190.20
6.500.20
13.080.20
0.800.20 2.54typ 2.54typ 0.500.20
3.020.20
1.270.20 1.520.20
2.400.20
Dimensions in Millimeters
SEMIHOW REV.A0,Oct 2007
TIP105/106/107
Package Dimension
TO-220 (B)
0.20
. 3
84
0
0 .2
4.570.20 1.270.20
15.440.20
2.740.20
9.140.20
6.300.20
2.670.20
13.280.20
1.270.20
2.670.20
0.810.20 2.54typ 2.54typ 0.400.20
Dimensions in Millimeters
SEMIHOW REV.A0,Oct 2007


▲Up To Search▲   

 
Price & Availability of TIP105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X