Part Number Hot Search : 
250BZX E003787 AN7332K 16245 FT232AM KSA1220 A1005 A5800989
Product Description
Full Text Search
 

To Download TCS01JTRDQR100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
TCS Current Sense Chip Resistors
Thin Film Current Sense Chip Resistors
TCS Surface Mount Resistors Make Sense of Current
Preview The trend towards smaller handheld and portable electronics equipment has also increased the need for ultra small current sensing resistors. Devices from the Token Electronics' TCS series use a thin film construction that enables them to achieve precision resistance tolerances, low noise and long-term stability. The Token TCS Series precision resistors are nichrome thin film chip resistors with a temperature coefficient of resistance of just 50PPM/C and tolerances of 0.5%. They offer excellent stability at high frequencies and are suitable for operating high voltages with more options in the smaller form sizes of 0402, 0603, 0402, 0805, 1206, 2010, and 2512. The full range of values is from 50m to 1. This low ohmic devices are particularly suited to car engine management units to act as current sensing shunt resistors. The TCS series is fully RoHS compliant and is supplied in tape and reel packaging ready for use with automated assembly processes. Contact us with your specific needs. Features Thin Film Process. Resistance Values from 50m to 1. Very Tight Tolerance from 1% to 0.5%. RoHS Requirments with Pb-free Terminations. Extremely Low TCR from 200 PPM/C to 50PPM/C. High Purity Alumina Substrate for High Power Dissipation.
Applications Voltage Regulation Module (VRM), Portable Devices (PDA, Cell phone), Disk Driver, Switching Power Supply, Over Current Protection in Audio Application, DC-DC Converter, Battery Pack, Charger, Adaptor, Automotive Engine Control, Power Management Applications
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 05
TOKEN
Dimensions (Unit: mm)
TCS Current Sense Chip Resistors
Marking W L
Sn Plating Ni Plating Thin Film Ni/cr Conductor Alumina Ceramic Substrate Overcoat Resistive Element
D1
D1 T
D2
D2
Type TCS02 TCS03 TCS05 TCS06 TCS10 TCS12
L 1.000.05 1.600.10 2.000.15 3.050.15 5.000.20 6.350.20
W 0.500.05 0.800.10 1.250.15 1.550.15 2.450.15 3.150.15
T 0.320.10 0.450.10 0.550.10 0.550.10 0.600.15 0.600.10
D1 0.250.10 0.300.20 0.300.20 0.500.30 0.600.30 0.600.30
D2 0.200.10 0.300.20 0.400.25 0.400.25 0.500.25 0.550.25
Standard Electrical Specifications Type TCS02 (0402) TCS03 (0603) TCS05 (0805) TCS06 (1206) TCS10 (2010) TCS12 (2512) Power Rating at 70C 1/16W 1/10W 1/8W 1/4W 3/4W 1W -55 ~ +155C Operating Temp. Range Resistance Tolerance 0.5% 1.0% 0.5% 1.0% 1.0% 0.5% 1.0% 0.5% 1.0% Resistance Range 500m~999m 200m~300m 301m~999m 50m~100m 101m~300m 301m~999m 50m~100m 101m~300m 301m~999m TCR (PPM/C) 100 50 100 50 200 100 50 200 100 50
Note: Token has the ability to manufacture following options based on customer's requirement.
High Power Rating Electrical Specifications Type TCS12 (2512) Power Rating at 70C 3W Operating Temp. Range -55 ~ +155C Resistance Tolerance 1.0% Resistance Range 100m~1 TCR (PPM/C) 100
02 of 05
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Power Derating Curve
100
TCS Current Sense Chip Resistors
Power Ration (%)
80 60 40 30 20 0
20
40
60 70 80 100
120 140
155
Ambient Temperature (C)
Environmental Characteristics Item Temperature Coefficient of Resistance Short Time Overload Specification As Spec 0.5% Test Method MIL-STD-202F Method 304 +25/-55/+25/+125/+25C JIS-C-5202-5.5 RCWV*2.5 or Max Overloading Voltage 5seconds MIL-STD-202F Method 301 Apply Max Overload Voltage for l minute MIL-STD-202F Method 302 Apply 100VDC for 1minute MIL-STD-202F Method 107G -55C~150C, 100cycles MIL-STD-202F Method 108A RCWV, 70C, 1.5 hours on , 0.5 hours off , Total 1000~1048 hours MIL-STD-202F Method 103B 40C, 90~95%RH, RCWV 1.5 hours ON, 0.5 hours OFF, total 1000 ~ 1048 hours JIS-C-5202-7.2 96hours @ +155C without load JIS-C-5202-7.1 1hour, -65C followed by 45minutes of RCWV JIS-C-5202-6.1.4 Bending Amplitude 3mm for 10seconds MIL-STD-202F Method 208H 245C5C, 20.5 (sec) MIL-STD-202F Method 210E 2605C, 101 second
Dielectric Withstand Voltage by Type Insulation Resistance Thermal Shock Load Life >1000M 0.5% 1%
Humidity (Steady State) Resistance to dry heat
0.5% 0.5%
Low Temperature Operation 0.5% Bending Strength Solderability As Spec 95%min coverage
Resistance to Soldering Heat 0.5%
Note: Storage Temperature: 253C; Humidity: <80%RH
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 05
TOKEN
Marking for 0603 Marking 1R0 R10 R01 101 035
TCS Current Sense Chip Resistors
Value 1.000 0.100 0.010 0.101 0.035
Packaging Quantity & Reel Specifications W oC oA oB T Type TCS02 TCS03 TCS05 TCS06 TCS10 TCS12 A 1781 1781 1781 1781 1781 1781 B 60.0+0.5 60.0+0.5 60.0+0.5 60.0+0.5 60.20.5 60.20.5 C 13.00.20 13.00.20 13.00.20 13.00.20 13.00.50 13.00.50 W 9.000.50 9.000.50 9.000.50 9.000.50 13.21.50 13.21.50 T 12.00.15 12.00.15 12.00.15 12.00.15 16.00.20 16.00.20 Paper Tape 10,000 5,000 5,000 5,000 Emboss Plastic Tape 4,000 4,000 Emboss Plastic Tape Specifications Top Tape D0 E B F W Resistor Emboss Tape
Type TCS10 TCS12 A 2.850.10 3.400.10 B 5.450.10 6.650.10 W 12.00.10 12.00.10
t
A
E 1.750.10 1.750.10
P1
F 5.50.05 5.50.05
P2
P0
P0
D1=1.4min direction of unreeling
P1 4.000.10 4.000.10 P2 2.000.05 2.000.05 D0 1.50+0.10 1.50+0.10 T 1.000.20 1.000.20
4.000.05 4.000.05
04 of 05
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Paper Tape Specifications Bottom Tape Top Tape
TCS Current Sense Chip Resistors
D0 E B F W
T
Paper Tape
Type TCS02 TCS03 TCS05 TCS06 A 0.700.05 1.100.05 1.600.05 2.000.05 B 1.160.05 1.900.05 2.370.05 3.550.05
Resistor
W 8.000.10 8.000.10 8.000.10 8.000.10 E
A
F
P1
3.500.05 3.500.05 3.500.05 3.500.05
P2
P0 4.000.10 4.000.10 4.000.10 4.000.10
P0
direction of unreeling
P1 P2 2.000.05 2.000.05 2.000.05 2.000.05 D0 1.550.05 1.550.05 1.550.05 1.550.05 T 0.400.03 0.600.03 0.750.05 0.750.05
1.750.05 1.750.05 1.750.05 1.750.05
2.000.10 4.000.10 4.000.10 4.000.10
How to Order
TCS
02
D
TR
E TCR
Code D E F
1R00
TCR 50PPM/C 100PPM/C 200PPM/C Power Rating 2W 1.5W 1W 3/4W 1/2W 1/4W 1/8W Resistance 0.010 0.100 1.000 Standard Marking Standard No Marking
N
Part Number Dimensions (LxW)
Code 01 02 03 05 06 13 10 12 25 37 75 Code J g F Dimensions (LxW) 0.58x0.29mm 0201 1.00x0.50mm 0402 1.60x0.80mm 0603 2.00x1.25mm 0805 3.10x1.55mm 3.00x2.50mm 5.00x2.50mm 6.30x3.10mm 3.10x6.30mm 3.75x2.00mm 7.50x2.00mm 1206 1210 2010 2512 1225 3720 7520
Power Rating
Code S A T Q U V W
Resistance Tolerance
Resistance Tolerance 5% 2% 1% Packaging Taping Reel Bulk
Resistance
Code R010 R100 1R00
Packaging
Code TR P
Marking
Code N
Back to 1st Page - Chip Current Sense Resistors (TCS)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
05 of 05


▲Up To Search▲   

 
Price & Availability of TCS01JTRDQR100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X