Part Number Hot Search : 
CSM54N FULLFLEX WL2805N EM78P468 TLR347T MSK162 LT1195M FST3306
Product Description
Full Text Search
 

To Download TCDU1DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0A Sintered Glass Passivated Ultra Fast Low Profile Rectifier TCDU1DW - TCDU1WW
1.0A Sintered Glass Passivated Ultra Fast Low Profile Rectifier
Features
* * * * Low power loss, High efficiency For surface mounted applications High current capability High surge capacity C1206
* Plastic package has UL Flammability Classification 94V-0 * RoHS Compliance
Mechanical Data
Case: Terminals: Polarity: Mounting Position: Weight: Packed with FRP substrate and epoxy underfilled Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026 Laser marking Any 0.012 gram
Maximum Ratings and Electrical Characteristics (T A=25C unless otherwise noted)
Symbol Description Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Max. Forward Voltage Average Forward Rectified Current Peak Forward Surge Current Reverse Current @ VR = VRRM Max. Reverse Recovery Time Diode Junction Capacitance 1.0 50 50 10 75 50 30 TCDU 1DW 200 200 140 1.0 1.0 25 5.0 15 TCDU 1GW 400 400 280 TCDU 1JW 600 600 420 TCDU 1KW 800 800 560 1.7 TCDU 1MW 1000 1000 700 TCDU 1WW 1500 1500 1050 6.0 Unit V V V V A A A A nS pF TA=25C TA=125C IF=0.5A, IR=1.0A, Irr=0.25A. f=1MHz VR= 4V Pulse width=300S, 1% duty cycle, IF=1.0A Conditions
VRRM VDC VRMS VF IF(AV) IFSM
IR
See Fig.1
Trr
CJ
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/DX 2007-6-25 Page 1 of 5
Sintered Glass Passivated Ultra Fast Low Profile Rectifier TCDU1DW - TCDU1WW
Symbol Description Operating Junction TCDU 1DW TCDU 1GW TCDU 1JW TCDU 1KW TCDU 1MW TCDU 1WW Unit Conditions
TJ,TSTG and Storage
Temperature Range
-65 to +175
C
Typical Characteristics Curves
Peak Forward Surge Current, (A) Fig.1- Forward Current Derating Curve Average Forward Current, (A) Fig.2- Maximum Non-Repetitive Forward Surge Current
Lead Temperature (C) Fig.3- Typical Forward Characteristics Instantaneous Forward Current, (A) Instantaneous Forward Current, (A)
Number of Cycles at 60Hz Fig.4- Typical Forward Characteristics
Instantaneous Forward Voltage (V)
Instantaneous Forward Voltage (V)
Rev. A/DX 2007-6-25 www.taitroncomponents.com Page 2 of 5
Sintered Glass Passivated Ultra Fast Low Profile Rectifier TCDU1DW - TCDU1WW
Instantaneous Reverse Leakage Current, (A)
Fig.5-Typical Reverse Characteristics Junction Capacitance, (pF)
Fig.6-Typical Junction Capacitance
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Marking Information:
Ultra Fast
U
1X
Rev. A/DX 2007-6-25 www.taitroncomponents.com Page 3 of 5
Sintered Glass Passivated Ultra Fast Low Profile Rectifier TCDU1DW - TCDU1WW
Dimensions in inches (mm)
C1206
Taping Information (in mm)
Product Type
1206
D
1.500.10 B1 8.20max.
P0
4.000.10 T 0.40max.
P
4.000.10 T2 1.750.1
W
120.00.30 D1 1.5min.
E
1.750.1
Tape Size
12
F
5.500.05
Rev. A/DX 2007-6-25 www.taitroncomponents.com Page 4 of 5
Sintered Glass Passivated Ultra Fast Low Profile Rectifier TCDU1DW - TCDU1WW
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/DX 2007-6-25 www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of TCDU1DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X