Part Number Hot Search : 
3052A T312017 Z86E0 FM302B 0JXXX XBB170P 4303F5 MFM60
Product Description
Full Text Search
 

To Download SSAF220100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multi Control Devices
Slide Operation Type Stick Switch with 8-contact and Center-push Function
SSAF Series
1.4mm height low-profile type with 8-contact and center push function.
Multi Control Devices
Typical Specifications
Item Slide operating force Slide ON travel mm Push operating force Push ON travel mm Rating max. Operating life Resistive load Specifications
0.5-0.25N 0.65 0.25
+0.7 +0.5
2.5-0.5N 0.2 0.1
20mA 5V DC 500,000cycles
Product Line
Location Lug
Without 2,400 With SSAF220100 2
Minimun order unit
pcs.
Product No.
SSAF120100
Drawing No.
1
Variable Resistor Type Switch Type
Taping Specification (Taping Packaging)
Reel Size
Unit:mm
Number of packages pcs. 1 reel 1 case Japan 1 case export packing Tape width mm
1,200
380 25.4
2,400
2,400
24
Note
Please place purchase orders per minimum order unit (integer).
Refer to P.492 for soldering conditions.
484
Multi Control Devices
Slide Operation Type Stick Switch with 8-contact and Center-push Function SSAF Series
Dimensions With Center-push Type
No. Style
Unit:mm
PC board mounting hole dimensions
Example of patern Viewed from mounting side C Common terminal G Ground terminal P Center push terminal
Multi Control Devices
10.85 hole deep 1.35 5.6
3 1.4
4-7.849
45
45
2.9 G 8 1.25
3.55 1 2 G 1.95 P 1.25 3.55 3 C 4 2.9 G
10.5
2
3
3-11.6 3-8.8 3.55
1
13
C 7 6
1.25 12-1.1 2.9
1.25 G C5 3.55 3-8.8 3-11.6
hole deep 1.35
4-7.849
3
1.1
10.85 5.6
45
1.4
Example of patern Viewed from mounting side C Common terminal G Ground terminal P Center push terminal 45 2
2.9 G 3-11.6 3-8.8 3.55 8 1.25
3.55 1 G 1.95 P C G 1.25 3.55 3
2 2- -11 14 .4 .4
2 3
.8
43 1.
Variable Resistor Type Switch Type
10.5
5
2
C 7 6 G
1.
1.25 12-1.1 2.9
0.4
1.25
0.
C5 4 3.55 2.9 3-8.8 3-11.6
5
2
9
Operating Direction
NW W SW S N NE E SE
Output Code
N NE Operating direction E SE S SW W NW Push
Out put
1 2 3 4 5 6 7 8 P
2 2-1 -11. 4.4 4
13 .8
0.8
4-1 .3
485
Multi Control Devices
List of Varieties
Series Items
Switch type SKQUAA/SKQUBA SKQU SKQUCA SKQUDB SSAF SRBE SLLB SLLB5 Small type Multi Control Devices
Photo
Function Dimensions typical value mm Outlined specifica-tions Electrical performance Mechanical performance Endurance Environmental Soldering performance W D H Number of operating shafts Shaft material Directional resolution Directional operating feeling Lever return mechanism
12 11 3.8 11.8 11.4 3 9.5 8.8 2.2
10 7.1 10 8.6
10.85 3 Single-shaft Resin
4-direction With With With/Without Without -30 85 50mA 12V DC
8-direction Without With Without With With 20mA 5V DC -10 1mA 5V DC 60
2-direction Without With With/ Without Without 10mA 5V DC With
Center-push switch Encoder Operating temperature range Rating max. Resistive load Output voltage Directional resolution Insulation resistance
Voltage proof
1V max. at 1mA 5V DC Resistive load 4-direction 100M min. 100V DC 8-direction 10M min. 100V DC 50M min. 50V DC
+ 5V
Measuring circuit 5K Measuring terminal
2-direction 100M min. 100V DC
250V AC for 1min.
100V AC for 1min. 50V AC for 1min.
0.5 0.35
100V AC for 1min.
Variable Resistor Type Switch Type
Directional operating force Push operating force Encoder detent torque Terminal strength Actuator strength Page Pushing direction Operating direction
1.57
0.49 0.59
N
1.57
0.39 0.69
N
0.5N
N
0.65
0.3N
3.14 0.59N
2.5
0.7 0.5
N
3.5 3
1.5N
2
1N
2.5
1N
2mN m 3N for 1min. 50N
50N
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively
10N
Vibration Operating life without load Operating life with load at rated load Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering
260 60 2 -30 80 2 2
100,000cycles
for 96h for 96h 95%RH for 96h
-40
2
for 96h 85 40 2 2
-20 for 96h
2
for 96h
, 90
, 90
95%RH for 96h 350 5 3s max.
350
max. 3s max. SKQUAA,CA SKQUBA,DB
350 10
4 +1 s 0
max. 5s max. 482
Please see P.492
Please see P.492 484 486 488 490
471
Switch Type Multi Control Devices
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method:
Multi Control Devices
Double heating method with infrared heater. CA K or CC T at solder joints copper foil surface . A heat resistive tape should be used to fix thermocouple.
2. Temperature measurement: Thermocouple 0.1 to 0.2 3. Temperature profile
300 Temperature (C )
A max. B
200
D E
100 Time (s) Pre-heating F max. C
Room temperature
Series Reflow type RKJXS SLLB, SLLB5 Variable Resistor Type Switch Type SKRV/SKRH/SKQUBA,DB/SSAF/SRBE
A 3s max.
260 240 260
B
Cs
40
D
150
E
Fs
230
20 40 180
150
120
Notes
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the material, size thickness of PC boards and others. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
492


▲Up To Search▲   

 
Price & Availability of SSAF220100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X